Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 20Page - NXP Semiconductors PCF8537 Datasheet HTML 21Page - NXP Semiconductors PCF8537 Datasheet HTML 22Page - NXP Semiconductors PCF8537 Datasheet HTML 23Page - NXP Semiconductors PCF8537 Datasheet HTML 24Page - NXP Semiconductors PCF8537 Datasheet HTML 25Page - NXP Semiconductors PCF8537 Datasheet HTML 26Page - NXP Semiconductors PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
24 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
The host microcontroller maintains the two-line I2C-bus communication channel with the
PCF8537AH or the three-line SPI-bus with the PCF8537BH. The appropriate biasing
voltages for the multiplexed LCD waveforms are generated internally. The only other
connections required to complete the system are the power supplies (VDD1, VDD2, VSS,
VLCD), the external capacitors, and the LCD panel selected for the application.
The recommended values for external capacitors on VDD1, VDD2, and VLCD are of nominal
100 nF value. When using bigger capacitors, especially on the VLCD, the generated ripple
will be consequently smaller. However it will take longer for the internal charge pump to
first reach the target VLCD voltage.
If VDD1 and VDD2 are connected externally, the capacitors on VDD1 and VDD2 can be
replaced by a single capacitor with a nominal value of 220 nF.
Remark: In case of insufficient decoupling, ripple on VDD1 and VDD2 will create additional
VLCD ripple. The ripple on the VLCD can be reduced by making the VSS connection as
low-ohmic as possible. Excessive ripple on VLCD may cause flicker on the display.
VDD1 from 1.8 V to 5.5 V and VDD2 from 2.5 V to 5.5 V.
Fig 14. Typical I2C system configuration when using the internal VLCD generation
VDD1 from 1.8 V to 5.5 V, VDD2 from 2.5 V to 5.5 V and VLCD from 2.5 V to 9.0 V.
Fig 15. Typical SPI system configuration when using an external VLCD
HOST
PROCESSOR/
MICRO-
CONTROLLER
R =
tr
2Cb
SDA
SCL
44 segment drives
8 backplanes
LCD PANEL
(up to 352
elements)
PCF8537AH
T3
VDD1
VSS
VSS
013aaa675
VDD2
VLCD
VDD2
VDD1
CLK
n.c.
RESET
T2
T1
A0
HOST
PROCESSOR/
MICRO-
CONTROLLER
SDIO
SCL
44 segment drives
8 backplanes
LCD PANEL
(up to 352
elements)
PCF8537BH
T3
VDD1
VSS
VSS
013aaa676
VLCD
VDD2
VDD1
CLK
n.c.
RESET
T2
T1
CE
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com