Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8537 Datasheet HTML 1Page - NXP Semiconductors PCF8537 Datasheet HTML 2Page - NXP Semiconductors PCF8537 Datasheet HTML 3Page - NXP Semiconductors PCF8537 Datasheet HTML 4Page - NXP Semiconductors PCF8537 Datasheet HTML 5Page - NXP Semiconductors PCF8537 Datasheet HTML 6Page - NXP Semiconductors PCF8537 Datasheet HTML 7Page - NXP Semiconductors PCF8537 Datasheet HTML 8Page - NXP Semiconductors PCF8537 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
1.
General description
The PCF8537 is a fully featured Liquid Crystal Display (LCD)1 driver, specifically designed
for high-contrast Vertical Alignment (VA) LCD with multiplex rates up to 1:8. It generates
the drive signals for any static or multiplexed LCD containing up to eight backplanes,
46 segments, and up to 352 elements. The PCF8537 features an internal charge pump
with internal capacitors for on-chip generation of the LCD driving voltage. To ensure an
optimal and stable contrast over the full temperature range, the PCF8537 offers a
programmable temperature compensation of the LCD supply voltage. The PCF8537 can
be easily connected to a microcontroller by either the two-line I2C-bus (PCF8537AH) or a
three-line bidirectional SPI-bus (PCF8537BH).
2.
Features and benefits
Low-power single-chip LCD controller and driver
352 elements allowing to drive:
up to 44 7-segment alphanumeric characters
up to 22 14-segment alphanumeric characters
Selectable backplane drive configuration: static, 2, 4, 6, or 8 backplane multiplexing
Software programmable internal charge pump for on-chip LCD voltage generation up
to 9 V with internal capacitors
400 kHz I2C-bus interface (PCF8537AH)
5 MHz SPI-bus interface (PCF8537BH)
Programmable temperature compensation of VLCD in four regions
Selectable display bias configuration
Wide range for digital power supply: from 1.8 V to 5.5 V
Wide LCD supply range: from 2.5 V for low threshold LCDs and up to 9.0 V for high
threshold twisted nematic LCDs
Display memory bank switching in static, duplex, and quadruplex drive modes
352-bit RAM for display data storage
Programmable frame frequency in the range of 60 Hz to 300 Hz in steps of 10 Hz;
factory calibrated
Integrated temperature sensor with temperature readout
On chip calibration of internal oscillator frequency and VLCD
Manufactured in silicon gate CMOS process
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
Rev. 1 — 31 May 2012
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 17.


Similar Part No. - PCF8537

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8537AH NXP-PCF8537AH Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF8537AH NXP-PCF8537AH Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF8537AH NXP-PCF8537AH Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF8537AH NXP-PCF8537AH Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8537AH NXP-PCF8537AH Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results

Similar Description - PCF8537

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
LCD driver for low multiplex rates
1998 Jun 18
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
LCD driver for low multiplex rates
Rev. 1-23 November 2010
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com