Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 21Page - NXP Semiconductors PCF8537 Datasheet HTML 22Page - NXP Semiconductors PCF8537 Datasheet HTML 23Page - NXP Semiconductors PCF8537 Datasheet HTML 24Page - NXP Semiconductors PCF8537 Datasheet HTML 25Page - NXP Semiconductors PCF8537 Datasheet HTML 26Page - NXP Semiconductors PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors PCF8537 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
25 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.4 LCD supply voltage
8.4.1 External VLCD supply
VLCD can be directly supplied to the VLCD pin. In this case, the internal charge pump must
not be enabled otherwise a high current may occur on pin VDD2 and pin VLCD. When
VLCD is supplied externally, no internal temperature compensation occurs on this voltage
even if bit TCE is set logic 1 (see Section 8.4.4.2). The VLCD voltage which is supplied
externally will be available at the segments and backplanes of the device through the
chosen bias system. Also programming VPR[7:0] will have no effect on the VLCD which is
externally supplied.
8.4.2 Internal VLCD generation
VLCD can be generated and controlled on the chip by using software commands. When
the internal charge pump is used, the programmed VLCD is available on pin VLCD. The
charge pump generates a VLCD of up to 3  VDD2. The charge pump can be enabled or
disabled with the CPE bit (see Table 8 on page 9). With bit CPC, the charge pump
multiplier setting can be configured.
The final value of VLCD is a combination of the programmed Vprog(LCD) value and the
output of the temperature compensation block, Voffset(LCD).
(1)
The system is shown in Figure 16.
V
LCD
V
prog LCD

V
offset LCD

+
=
VPR[7:0] is the binary value of the programmed voltage. VT[7:0] is the binary value of the temperature compensated voltage.
Its values come from the temperature compensation block and is a two’s complement which has the value 0h at 20
C.
.
The equations for Voffset(LCD), see Table 27 on page 31.
Fig 16. VLCD generation including temperature compensation
013aaa640
TEMPERATURE
READOUT
-40
0
+80
+20
+50
TEMPERATURE
0 OFFSET
8
TD[7:0]
8
VT[7:0]
VPR[7:0]
VLCD
0.03
3
SLA
SLB
SLC
SLD
8
8
0.03
Vprog(LCD)
Voffset(LCD)
V
prog LCD

VPR 7:0
 0.03 3
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com