Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 74Page - NXP Semiconductors PCF8537 Datasheet HTML 75Page - NXP Semiconductors PCF8537 Datasheet HTML 76Page - NXP Semiconductors PCF8537 Datasheet HTML 77Page - NXP Semiconductors PCF8537 Datasheet HTML 78Page - NXP Semiconductors PCF8537 Datasheet HTML 79Page - NXP Semiconductors PCF8537 Datasheet HTML 80Page - NXP Semiconductors PCF8537 Datasheet HTML 81Page - NXP Semiconductors PCF8537 Datasheet HTML 82Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
80 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
23. Figures
Fig 1.
Block diagram of PCF8537AH . . . . . . . . . . . . . . . .3
Fig 2.
Block diagram of PCF8537BH . . . . . . . . . . . . . . . .4
Fig 3.
Pin configuration for TQFP64 (PCF8537AH). . . . .5
Fig 4.
Pin configuration for TQFP64 (PCF8537BH). . . . .5
Fig 5.
Recommended start-up sequence when using
the internal charge pump and the internal clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Fig 6.
Recommended start-up sequence when using
an external supplied VLCD and the internal clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Fig 7.
Recommended start-up sequence when using the
internal charge pump and an external clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Fig 8.
Recommended start-up sequence when using
an external supplied VLCD and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Fig 9.
Recommended power-down sequence for
minimum power-down current when using the
internal charge pump and the internal clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Fig 10. Recommended power-down sequence when
using an external supplied VLCD and the internal
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 11. Recommended power-down sequence when
using the internal charge pump and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 12. Recommended power-down sequence for
minimum power-down current when using an
external supplied VLCD and an external clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 13. Example of displays suitable for PCF8537 . . . . .23
Fig 14. Typical I2C system configuration when using
the internal VLCD generation . . . . . . . . . . . . . . . .24
Fig 15. Typical SPI system configuration when using
an external VLCD . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 16. VLCD generation including temperature
compensation . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Fig 17. VLCD programming of PCF8537 (assuming
VT[7:0] = 0h) . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 18. Charge pump driving capability with
VDD2 = 3.3 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 19. Charge pump driving capability with
VDD2 = 5.0 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Fig 20. Temperature measurement block with digital
temperature filter . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 21. Temperature measurement delay during
ramping up-down of the environment
temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 22. Example of segmented temperature coefficients.30
Fig 23. Electro-optical characteristic: relative
transmission curve of the liquid . . . . . . . . . . . . . .33
Fig 24. Static drive mode waveforms (line inversion
mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Fig 25. Waveforms for the 1:2 multiplex drive mode
with 1⁄2 bias (line inversion mode) . . . . . . . . . . . .35
Fig 26. Waveforms for the 1:2 multiplex drive mode
with 1⁄3 bias (line inversion mode) . . . . . . . . . . . . 36
Fig 27. Waveforms for the 1:4 multiplex drive mode
with 1⁄3 bias (line inversion mode) . . . . . . . . . . . . 37
Fig 28. Waveforms for 1:6 multiplex drive mode
with 1⁄3 bias (line inversion mode) . . . . . . . . . . . . 38
Fig 29. Waveforms for 1:6 multiplex drive mode
with 1⁄4 bias (line inversion mode) . . . . . . . . . . . . 39
Fig 30. Waveforms for 1:8 multiplex drive mode
with 1⁄4 bias (line inversion mode) . . . . . . . . . . . . 40
Fig 31. Waveforms for 1:8 multiplex drive mode
with 1⁄4 bias (frame inversion mode) . . . . . . . . . . 41
Fig 32. Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . . 45
Fig 33. Display RAM filling order in static drive mode . . . 47
Fig 34. Discarded bits at the end of data transmission . . 47
Fig 35. Display RAM filling order in 1:2 multiplex drive
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Fig 36. Display RAM filling order in 1:4 multiplex drive
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Fig 37. Display RAM filling order in 1:6 multiplex drive
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Fig 38. Display RAM filling order in 1:8 multiplex drive
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Fig 39. Bank selection. . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Fig 40. Example of the Bank-select command with
multiplex drive mode 1:4 . . . . . . . . . . . . . . . . . . . 50
Fig 41. Control byte format . . . . . . . . . . . . . . . . . . . . . . . 52
Fig 42. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Fig 43. Definition of START and STOP conditions . . . . . 53
Fig 44. System configuration. . . . . . . . . . . . . . . . . . . . . . 54
Fig 45. Acknowledgement on the I2C-bus. . . . . . . . . . . . 54
Fig 46. I2C-bus protocol, write mode. . . . . . . . . . . . . . . . 56
Fig 47. I2C-bus protocol, read mode . . . . . . . . . . . . . . . . 56
Fig 48. Data transfer overview . . . . . . . . . . . . . . . . . . . . 57
Fig 49. SPI-bus write example . . . . . . . . . . . . . . . . . . . . 58
Fig 50. SPI-bus write example . . . . . . . . . . . . . . . . . . . . 58
Fig 51. SPI-bus read example. . . . . . . . . . . . . . . . . . . . . 59
Fig 52. Device protection diagram for PCF8537AH . . . . 60
Fig 53. Device protection diagram for PCF8537BH . . . . 60
Fig 54. LCD voltage variation with respect to
temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Fig 55. Typical IDD1 with respect to temperature . . . . . . . 65
Fig 56. Typical IDD2 with respect to temperature . . . . . . . 65
Fig 57. Typical IDD(LCD) with respect to temperature . . . . 66
Fig 58. Driver timing waveforms . . . . . . . . . . . . . . . . . . . 67
Fig 59. RESET timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Fig 60. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . . 68
Fig 61. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Fig 62. Package outline SOT357-1 (TQFP64) . . . . . . . . 70
Fig 63. Temperature profiles for large and small
components. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com