Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 39Page - NXP Semiconductors PCF8537 Datasheet HTML 40Page - NXP Semiconductors PCF8537 Datasheet HTML 41Page - NXP Semiconductors PCF8537 Datasheet HTML 42Page - NXP Semiconductors PCF8537 Datasheet HTML 43Page - NXP Semiconductors PCF8537 Datasheet HTML 44Page - NXP Semiconductors PCF8537 Datasheet HTML 45Page - NXP Semiconductors PCF8537 Datasheet HTML 46Page - NXP Semiconductors PCF8537 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
43 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.5.1.5
Static drive mode
In the static drive mode, BP0 must be connected directly to the LCD.
In the static drive mode, the same signal is carried by all eight backplane outputs and they
can be connected in parallel for very high drive requirements.
• BP0 is repeated on BP1, BP2, BP3, BP4, BP5, BP6, and BP7
8.5.2 Segment outputs
The LCD drive section includes up to 46 segment outputs. Segments S0 to S43 are
always segment outputs. There are also two more segment outputs which become active
in 1:6 multiplex mode. These are S45/BP6 and S44/BP7 and must also be connected
directly to the display.
The segment output signals are generated based on the multiplexed backplane signals
and with data resident in the display register. When less than 46 segment outputs are
required, the unused segment outputs must be left open-circuit.
8.5.2.1
Static, 1:8, 1:4, 1:2 multiplex drive mode
In these drive modes, segments S0 to S43 must be connected to the display.
8.5.2.2
1:6 multiplex drive mode
In this drive mode, segments S0 to S43, S44, and S45 must be connected to the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com