Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 54Page - NXP Semiconductors PCF8537 Datasheet HTML 55Page - NXP Semiconductors PCF8537 Datasheet HTML 56Page - NXP Semiconductors PCF8537 Datasheet HTML 57Page - NXP Semiconductors PCF8537 Datasheet HTML 58Page - NXP Semiconductors PCF8537 Datasheet HTML 59Page - NXP Semiconductors PCF8537 Datasheet HTML 60Page - NXP Semiconductors PCF8537 Datasheet HTML 61Page - NXP Semiconductors PCF8537 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
58 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
9.3.2 Data read
The temperature readout data byte TD[7:0] can be read from the PCF8537BH.
A readout is initiated by sending the subaddress byte with the R/W bit set high. The
transmission is controlled by the active LOW chip enable signal CE.
After the last bit of the subaddress byte is transmitted, the PCF8537BH will immediately
start to drive the SDIO line. It is only necessary to read the values once, however since
the update of the register is asynchronous to the interface clock, it is recommended to
read the register twice and check for a stable value.
The readout is terminated by asserting CE. At this time, the SDIO bus is released. It is
important that the bus is not left floating and that the microcontroller then takes over
driving of the bus.
Data transfers are terminated by de-asserting CE (set CE to logic 1)
Fig 49. SPI-bus write example
EXAMPLES
a) transmit two bytes of display RAM data
013aaa656
00 1
control byte
subaddress
RAM/command byte
RAM DATA
M
S
B
L
S
B
R/W = 0
00 1
0
RAM DATA
b) transmit two command bytes
COMMAND
00 1
1 0
COMMAND
c) transmit one command byte and two display RAM date bytes
00
C
O
R
S
1
COMMAND
00 1
1 0
RAM DATA
01
RAM DATA
In this example, the multiplex mode is set to 1:8. The transfer is terminated by CE returning to logic 1. After the last bit is
transmitted, the state of the SDIO line is not important.
Fig 50. SPI-bus write example
013aaa657
command byte
multiplex drive mode = 1:8 M[2:0] = 111
unused
R/W
SA
SCL
SDIO
CE
b7
0
b6
0
b5
1
b4
0
b3
0
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com