Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 61Page - NXP Semiconductors PCF8537 Datasheet HTML 62Page - NXP Semiconductors PCF8537 Datasheet HTML 63Page - NXP Semiconductors PCF8537 Datasheet HTML 64Page - NXP Semiconductors PCF8537 Datasheet HTML 65Page - NXP Semiconductors PCF8537 Datasheet HTML 66Page - NXP Semiconductors PCF8537 Datasheet HTML 67Page - NXP Semiconductors PCF8537 Datasheet HTML 68Page - NXP Semiconductors PCF8537 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
65 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
VDD2 = 5.0 V; 1:8 multiplex drive mode; 1⁄4 bias; temperature measurement enabled; LCD outputs
are open circuit; RAM all logic 1; inputs at VSS or VDD; internal clock with max prescale factor; bus
active.
(1) Charge pump on; VDD1 = 5.5 V; charge pump configuration: VLCD =2  VDD2; VPR[7:0] set to
7.0 V; display enabled.
(2) Charge pump off; VDD1 = 5.0 V; display disabled.
Fig 55. Typical IDD1 with respect to temperature
VDD1 =VDD2 = 5.0 V; 1:8 multiplex drive mode; 1⁄4 bias; temperature measurement enabled; flat
temperature compensation; LCD outputs are open circuit; RAM all logic 1; inputs at VSS or VDD;
internal clock with max prescale factor; bus inactive; charge pump on; charge pump configuration:
VLCD =2  VDD2; VPR[7:0] set to 7.0 V; display enabled.
Fig 56. Typical IDD2 with respect to temperature
013aaa668
-60
-40
-20
0
20
40
60
80
100
100
110
120
130
140
150
160
Temperature (ºC)
IDD1
(μA)
(1)
(2)
013aaa669
-60
-40
-20
0
20
40
60
80
100
100
110
120
130
140
150
160
Temperature (ºC)
IDD2
(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com