Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 60Page - NXP Semiconductors PCF8537 Datasheet HTML 61Page - NXP Semiconductors PCF8537 Datasheet HTML 62Page - NXP Semiconductors PCF8537 Datasheet HTML 63Page - NXP Semiconductors PCF8537 Datasheet HTML 64Page - NXP Semiconductors PCF8537 Datasheet HTML 65Page - NXP Semiconductors PCF8537 Datasheet HTML 66Page - NXP Semiconductors PCF8537 Datasheet HTML 67Page - NXP Semiconductors PCF8537 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
64 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
VLCD = 5 V to 9 V.
Remark: Only valid if the charge pump is driven in a safe range as described in Figure 18 and
Figure 19.
a. VDD =5V
VLCD = 5 V to 9 V.
Remark: Only valid if the charge pump is driven in a safe range as described in Figure 18 and
Figure 19.
b. VDD =3V
Fig 54. LCD voltage variation with respect to temperature
013aaa687
-60
-40
-20
0
20
40
60
80
100
-195
-130
-65
0
65
130
195
Temperature (ºC)
ΔVLCD
(mV)
013aaa688
-60
-40
-20
0
20
40
60
80
100
-195
-130
-65
0
65
130
195
Temperature (ºC)
ΔVLCD
(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com