Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 25Page - NXP Semiconductors PCF8537 Datasheet HTML 26Page - NXP Semiconductors PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors PCF8537 Datasheet HTML 29Page - NXP Semiconductors PCF8537 Datasheet HTML 30Page - NXP Semiconductors PCF8537 Datasheet HTML 31Page - NXP Semiconductors PCF8537 Datasheet HTML 32Page - NXP Semiconductors PCF8537 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
29 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
stepping of the display due to the VLCD voltage is periodically changing between two
different target voltages. For this reason, a filter has been implemented to ensure that LSB
jitter does not affect the display performance.
Like any other filtering, the digital temperature filter (see Figure 20) introduces a certain
delay in the measurement of temperature. This behavior is illustrated in Figure 21.
This delay may cause undesired effects at start-up when the environment temperature
may be different than the reset value of the PCF8537 which is 20
C. In this case, it takes
up to 30 s until the correct measured temperature value will be available. A control bit,
TFE (see Table 22 on page 16), is implemented to enable or disable the digital
temperature filter. This bit is set logic 0 by default, which means, that the filter is disabled
and the unfiltered environment temperature value is available to calculate the desired
VLCD.
Fig 20. Temperature measurement block with digital temperature filter
(1) Environment temperature, T1 (
C).
(2) Measured temperature, T2 (
C).
(3) Temperature deviation,
T=T2  T1.
Fig 21. Temperature measurement delay during ramping up-down of the environment
temperature
TEMPERATURE
MEASUREMENT
BLOCK
DIGITAL
TEMPERATURE
FILTER
TD[7:0]
unfiltered
TD[7:0]
filtered
enabled or disabled
by bit TFE
To the readout register
via I2C-bus and to
the VLCD compensation
block
013aaa642
t (s)
0
160
120
80
40
013aaa643
20
30
10
40
50
T
(°C)
0
(3)
(1)
(2)
4
8
0
12
16
DT
(°C)(3)
-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com