Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 58Page - NXP Semiconductors PCF8537 Datasheet HTML 59Page - NXP Semiconductors PCF8537 Datasheet HTML 60Page - NXP Semiconductors PCF8537 Datasheet HTML 61Page - NXP Semiconductors PCF8537 Datasheet HTML 62Page - NXP Semiconductors PCF8537 Datasheet HTML 63Page - NXP Semiconductors PCF8537 Datasheet HTML 64Page - NXP Semiconductors PCF8537 Datasheet HTML 65Page - NXP Semiconductors PCF8537 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
62 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
12. Static characteristics
Table 36.
Static characteristics
VDD1 = 1.8 V to 5.5 V; VDD2 = 2.5 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 9.0 V; Tamb = 40 C to +85 C; temperature
measurement enabled; 1:8 multiplex drive mode; 1⁄4 bias; LCD outputs are open circuit; RAM is all written with logic 1; inputs
at VSS or VDD; internal clock with maximum prescale factor; I2C-bus/SPI-bus inactive; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD1
supply voltage 1
logic
1.8
-
5.5
V
VDD2
supply voltage 2
analog;
VDD2  VDD1
charge pump set to 2
 V
DD2
2.5
-
5.5
V
charge pump set to 3
 V
DD2
2.5
-
5.5
V
VLCD
LCD supply voltage
VLCD  VDD2
[1] 2.5
-
9.0
V
V
LCD
LCD voltage variation
VDD1 =VDD2 =5.0 V;
VLCD = 6.99 V
[2]
0.10
-
+0.10
V
IDD1
supply current 1
digital;
display disabled;
charge pump off
-90
200
A
IDD2
supply current 2
display disabled;
charge pump off;
external VLCD
-0.5
-
A
VDD2 =5.5 V;
charge pump set to 2
 V
DD2;
internal VLCD =7.0 V
display disabled
-
30
40
A
display enabled
[3] -200
-
A
IDD(LCD)
LCD supply current
external VLCD =7.0 V;
display enabled;
-85
-
A
IDD(pd)
power-down mode supply
current
on pin VDD1
-1
3
A
ILCD(pd)
power-down LCD current
-
15
25
A
Tacc
temperature accuracy
readout temperature error;
VDD1 =5.0 V
Tamb = 40 C to +85 C
5-
+5
C
Tamb =25 C
3-
+3
C
Logic
VI
input voltage
VSS  0.5 -
VDD + 0.5 V
VIL
LOW-level input voltage
on pins CLK and A0
-
-
0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK and A0
0.7VDD
--
V
VO
output voltage
0.5
-
VDD + 0.5 V
VOH
HIGH-level output voltage on pin CLK
0.8VDD
--
V
VOL
LOW-level output voltage
on pin CLK
-
-
0.2VDD
V
IOH
HIGH-level output current
output source current;
VOH =4.6 V;
VDD =5V;
on pin CLK
1-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com