Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 53Page - NXP Semiconductors PCF8537 Datasheet HTML 54Page - NXP Semiconductors PCF8537 Datasheet HTML 55Page - NXP Semiconductors PCF8537 Datasheet HTML 56Page - NXP Semiconductors PCF8537 Datasheet HTML 57Page - NXP Semiconductors PCF8537 Datasheet HTML 58Page - NXP Semiconductors PCF8537 Datasheet HTML 59Page - NXP Semiconductors PCF8537 Datasheet HTML 60Page - NXP Semiconductors PCF8537 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
57 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
9.3 SPI-bus interface (PCF8537BH)
Data transfer to the device is made via a three-line SPI-bus (see Table 30). The SPI-bus is
reset whenever the chip enable pin CE is inactive.
[1]
The chip enable must not be wired permanently LOW.
9.3.1 Data transmission
The chip enable signal is used to identify the transmitted data. Each data transfer is a
byte, with the Most Significant Bit (MSB) sent first.
The transmission is controlled by the active LOW chip enable signal CE. The first byte
transmitted is the subaddress byte.
The subaddress byte opens the communication with a read/write bit and a subaddress.
The subaddress is used to identify multiple devices on one SPI-bus.
[1]
Only used for temperature readout from PCF8537BH (see Table 20 on page 15).
After the subaddress byte, a control byte follows (see Section 9.1 on page 52).
Table 33.
Serial interface
Pin
Function
Description
CE
chip enable input; active LOW[1]
when HIGH, the interface is reset;
SCL
serial clock input
-
SDIO
serial data input output
input data is sampled on the rising edge of SCL;
data is output on the falling edge of SCL
Fig 48. Data transfer overview
Table 34.
Subaddress byte definition
Bit
Symbol
Binary value
Description
7R/W
data read or write selection
0
write data
1
read data[1]
6 to 5
SA[1:0]
01
subaddress; other codes will cause the device
to ignore data transfer
4 to 0
-
-
unused
013aaa464
data bus
CE
SUBADDRESS
DATA
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com