Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 10Page - NXP Semiconductors PCF8537 Datasheet HTML 11Page - NXP Semiconductors PCF8537 Datasheet HTML 12Page - NXP Semiconductors PCF8537 Datasheet HTML 13Page - NXP Semiconductors PCF8537 Datasheet HTML 14Page - NXP Semiconductors PCF8537 Datasheet HTML 15Page - NXP Semiconductors PCF8537 Datasheet HTML 16Page - NXP Semiconductors PCF8537 Datasheet HTML 17Page - NXP Semiconductors PCF8537 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
14 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.1.12.1
Timing and frame frequency
The timing of the PCF8537 organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs. The
timing also generates the LCD frame frequency. The frame frequency is a fixed division of
the internal clock or of the frequency applied to pin CLK when an external clock is used.
When the internal clock is used, the clock frequency can be programmed by software
such that the nominal frame frequency can be chosen in steps of 10 Hz in the range of
60 Hz to 300 Hz (see Table 17). Furthermore the nominal frame frequency is
factory-calibrated with an accuracy of ±15 %.
When the internal clock is enabled at pin CLK by using bit COE, the duty ratio of the clock
may change when choosing different values for the frame frequency prescaler. Table 17
shows the different output duty ratios for each frame frequency prescaler setting.
8.1.13 Command: Bank-select
For the multiplex drive modes 1:4, 1:2, and the static drive mode, it is possible to write
data to one area of the RAM while displaying from another. These areas are named RAM
banks. There are two banks, 0 and 1. Figure 39 on page 50 and Figure 40 on page 50
show the concept. The Bank-select command controls where data is written to and where
it is displayed from.
[1]
Default value.
8.1.14 Command: Write-RAM-data
By setting the RS bit of the control byte to logic 1, all data transferred is interpreted as
RAM data and placed in the RAM in accordance with the current setting of the RAM
address pointer (see Section 8.1.11 on page 12). Definition of the RS can be found in
Table 30 on page 52.
Remark: After Power-On Reset (POR) the RAM content is random and should be brought
to a defined status by clearing it (setting it to logic 0).
Table 18.
Bank-select - bank select command bit description
For further information, see Section 8.9 on page 50.
Bit
Symbol
Binary value
Description
7 to 2
-
000010
fixed value
1IBS
selects RAM bank to write to
0[1]
Bank 0
1
Bank 1
0OBS
selects RAM bank to read from to the LCD
0[1]
Bank 0
1
Bank 1
Table 19.
Write-RAM-data - write RAM data command bit description
For further information, see Section 8.8 on page 44.
Bit
Symbol
Binary value
Description
7 to 0
B[7:0]
00000000 to
11111111
writing data byte-wise to the RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com