Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 23Page - NXP Semiconductors PCF8537 Datasheet HTML 24Page - NXP Semiconductors PCF8537 Datasheet HTML 25Page - NXP Semiconductors PCF8537 Datasheet HTML 26Page - NXP Semiconductors PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors PCF8537 Datasheet HTML 29Page - NXP Semiconductors PCF8537 Datasheet HTML 30Page - NXP Semiconductors PCF8537 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
27 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
(1) VPR[7:0] = 42h.
(2) VPR[7:0] = 85h.
(3) VPR[7:0] = C6h.
Tamb =30 C; VDD1 =VDD2 =3.3 V.
Remark: For driving the charge pump safely the VLCD and IDD(LCD) values have to be kept below
the flat part of the respective graph.
Charge pump configuration: VLCD =3  VDD2.
Fig 18. Charge pump driving capability with VDD2 =3.3 V
(1) VPR[7:0] = 42h.
(2) VPR[7:0] = 85h.
(3) VPR[7:0] = C6h.
Tamb =30 C; VDD1 =VDD2 =5V.
Remark: For driving the charge pump safely the VLCD and IDD(LCD) values have to be kept below
the flat part of the respective graph.
a. Charge pump configuration: VLCD =2  VDD2
013aaa664
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
IDD(LCD) (mA)
VLCD
(V)
(3)
(2)
(1)
013aaa662
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
IDD(LCD) (mA)
VLCD
(V)
(3)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com