Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors PCF8537 Datasheet HTML 29Page - NXP Semiconductors PCF8537 Datasheet HTML 30Page - NXP Semiconductors PCF8537 Datasheet HTML 31Page - NXP Semiconductors PCF8537 Datasheet HTML 32Page - NXP Semiconductors PCF8537 Datasheet HTML 33Page - NXP Semiconductors PCF8537 Datasheet HTML 34Page - NXP Semiconductors PCF8537 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
31 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
The offset voltage is calculated according to Table 27.
[1]
No temperature compensation is possible above 80
C. Above this value, the system maintains the
compensation value from 80
C.
Example: Assumed that Tamb = 8 C; SFB= 16 mV/C:
Remark: Care must be taken that the ranges of VPR[7:0] and VT[7:0] do not cause
clipping and hence undesired results. The device will not permit overflow or underflow and
will clamp results to either end of the range.
8.4.5 LCD voltage selector
The LCD voltage selector co-ordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
Set-bias-mode command (see Table 14 on page 12) and the Set-MUX-mode command
(see Table 13 on page 12).
Intermediate LCD biasing voltages are obtained from an internal voltage divider. The
biasing configurations that apply to the preferred modes of operation, together with the
biasing characteristics as functions of VLCD and the resulting discrimination ratios (D), are
given in Table 28.
Discrimination is a term which is defined as the ratio of the one and off RMS voltage
across a segment. It can be thought of as a measurement of contrast.
Table 27.
Calculation of the VLCD offset voltage
Temperature range
Voffset(LCD) voltage (mV)
T
 40 C
40 C  T 10 C
10 C < T  20 C
20
C < T  50 C
50
C < T < 80 C
80
C  T[1]
V
offset LCD

30
SFA
30
SFB
+
=
V
offset LCD

10
–
T
–
 SFA 30 SFB
+
=
V
offset LCD

20
T
–
 SFB
=
V
offset LCD

T20
–
 SFC
=
V
offset LCD

T50
–
 SFD 30 SFC
+
=
V
offset LCD

30
SFD
30
+
SFC
=
V
offset LCD

20
8
–
–
x16
–

28
16
–

448mV
–
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com