Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 11Page - NXP Semiconductors PCF8537 Datasheet HTML 12Page - NXP Semiconductors PCF8537 Datasheet HTML 13Page - NXP Semiconductors PCF8537 Datasheet HTML 14Page - NXP Semiconductors PCF8537 Datasheet HTML 15Page - NXP Semiconductors PCF8537 Datasheet HTML 16Page - NXP Semiconductors PCF8537 Datasheet HTML 17Page - NXP Semiconductors PCF8537 Datasheet HTML 18Page - NXP Semiconductors PCF8537 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
15 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.1.15 Command: Temp-read
The Temp-read command allows reading out the temperature values measured by the
internal temperature sensor.
[1]
For this command, bit R/W of the I2C-bus slave address byte has to be set logic 1 (see Table 31).
8.1.16 Command: Invmode_ctrl
The Invmode_ctrl command allows changing the drive scheme inversion mode.
The waveforms used to drive LCD displays inherently produce a DC voltage across the
display cell. The PCF8537 compensates for the DC voltage by inverting the waveforms on
alternate frames or alternate lines. The choice of compensation method is determined
with the LF bit.
[1]
Default value.
In frame inversion mode, the DC value is compensated across two frames and not within
one frame. Changing the inversion mode to frame inversion reduces the power
consumption, therefore it is useful when power consumption is a key point in the
application.
Frame inversion may not be suitable for all applications. The RMS voltage across a
segment is better defined, however since the switching frequency is reduced there is
possibility for flicker to occur.
Figure 24 on page 34 to Figure 30 on page 40 are showing the waveforms in line
inversion mode. Figure 31 on page 41 shows an example of frame inversion.
Table 20.
Temp-read - temperature readout command bit description
For further information, see Section 8.4.4 on page 28.
Bit
Symbol
Binary value
Description
7 to 0
TD[7:0]
00000000 to
11111111
digital temperature values[1]
Table 21.
Invmode_ctrl - drive scheme inversion command bit description
For further information, see Section 8.4.6 on page 34.
Bit
Symbol
Binary value
Description
7 to 2
-
110101
fixed value
1LF
set inversion mode
0[1]
driving scheme A: line inversion mode
1
driving scheme B: frame inversion mode
0
-
0
fixed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com