Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 26Page - NXP Semiconductors PCF8537 Datasheet HTML 27Page - NXP Semiconductors PCF8537 Datasheet HTML 28Page - NXP Semiconductors PCF8537 Datasheet HTML 29Page - NXP Semiconductors PCF8537 Datasheet HTML 30Page - NXP Semiconductors PCF8537 Datasheet HTML 31Page - NXP Semiconductors PCF8537 Datasheet HTML 32Page - NXP Semiconductors PCF8537 Datasheet HTML 33Page - NXP Semiconductors PCF8537 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
30 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.4.4.2
Temperature adjustment of the VLCD
Due to the temperature dependency of the liquid crystal viscosity the LCD controlling
voltage VLCD might have to be adjusted at different temperatures to maintain optimal
contrast. The temperature behavior of the liquid comes from the LCD manufacturer. The
slope has to be set to compensate for the liquid behavior. Internal temperature
compensation may be enabled via bit TCE (see Table 9 on page 10).
The ambient temperature range is split up into four equally sized regions and a different
temperature coefficient can be applied to each. Each coefficient can be selected from a
choice of eight different slopes. Each one of these coefficients may be independently
selected (see Table 26).
[1]
Default value.
The slope factors imply a linear correction, however the implementation is in steps of
30 mV.
Table 26.
Temperature coefficients
SLA to SLD register value
Corresponding slope factor, SFA to SFD (mV/
C)
000[1]
0
001
4
010
8
011
16
100
40
101
+4
110
+8
111
+16
Fig 22. Example of segmented temperature coefficients
Temperature (°C)
-40
50
-10
013aaa644
TD[7:0]
0h
60h
20h
zero offset
at 20 °C
79
20
7Fh
40h
SFC
SFA
SFD
SFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com