Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 14 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 14 Page - ams AG

Back Button AS3515_08 Datasheet HTML 10Page - ams AG AS3515_08 Datasheet HTML 11Page - ams AG AS3515_08 Datasheet HTML 12Page - ams AG AS3515_08 Datasheet HTML 13Page - ams AG AS3515_08 Datasheet HTML 14Page - ams AG AS3515_08 Datasheet HTML 15Page - ams AG AS3515_08 Datasheet HTML 16Page - ams AG AS3515_08 Datasheet HTML 17Page - ams AG AS3515_08 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
13
- 66
6.3
Speaker Output
6.3.1
General
The speaker output is designed to provide the stereo audio signal with 2x500mW @ 4
Ω.
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from
−40.5dB to +6dB. The maximum output power of 500mW @ 4Ω is achieved, by setting the mixer output to 1Vp and using the gain of
+6dB.
Figure 4 Speaker Output
6.3.2
No-Pop Function
BGND pin, which needs a 100nF capacitor outside, gets charged on power-up to BVDD/2.To avoiding click and pop noise during power-
up and shutdown, the output is automatically set to mute when the output stage is disabled.
The Start-up time before releasing mute is about 100ms. To avoid pop-noise the 150ms discharging time of SPR / SPL after a shutdown
(220µF capacitor in stereo single ended mode assumed), have to be waited before starting up again.
6.3.3
Over-current Protection
This output stage has an over-current protection, which disables the output for 0 to 512ms. This value can be set in the speaker registers.
The over-current protection limit of SPR and SPL pin is typical 700mA. To get an interrupt on an over-current event, the corresponding bit
in the IRQ_ENRD1 register (0x26h) has to be set.
6.3.4
Power Save Options
When driving > 4
Ω, two power save options can be chosen.
The output driver stage can be set to only 25% drive capacity, which will reduce the maximum output power. Additionally the bias currents
can be reduced to 50% in 3 steps.
Table 11 Speaker Power-Save Options
LSP_LP
IBR_LSP IDD_HPH (typ.)
Load
0
00
8mA
4 Ohm
1
00
2.8mA
16-32 Ohm
1
01
2.4mA
16-32 Ohm
1
10
1.9mA
16-32 Ohm
1
11
1.5mA
16-32 Ohm
BVDD = 3.3V, TA= 25oC unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com