Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 59 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 59 Page - ams AG

Back Button AS3515_08 Datasheet HTML 55Page - ams AG AS3515_08 Datasheet HTML 56Page - ams AG AS3515_08 Datasheet HTML 57Page - ams AG AS3515_08 Datasheet HTML 58Page - ams AG AS3515_08 Datasheet HTML 59Page - ams AG AS3515_08 Datasheet HTML 60Page - ams AG AS3515_08 Datasheet HTML 61Page - ams AG AS3515_08 Datasheet HTML 62Page - ams AG AS3515_08 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
58
- 66
CTBGA64
ball #
LQFP64
pin #
PinName Type
Function
D7
43
AGND
Ai/o
Analog Reference (AVDD/2) decoupling cap terminal (10uF)
D6
44
VREF
Ai/o
Analog Reference ( filtered AVDD) decoupling cap terminal (10uF)
C8
45
AVSS
Supply
Analog Circuit Neg Supply terminal
C7
46
LOUT_R
Aout
Line Output Right Channel / Ear Piece diff output N
B8
47
LOUR_L
Aout
Line Output Left Channel / Ear Piece diff output P
B7
48
AVDD
Supply
Analog Circuit Pos. Supply terminal
A8
49
HPGND
Ai/o
Headphone Amplifier Reference decoupling cap terminal (100nF)
A7
50
BVSS2
Supply
Headphone Amplifier Neg. Supply terminal
C6
51
HPH_CM
Aout
Headphone Common GND Output for DC-coupled speakers
B6
52
BVDD
Supply
Pos. Supply Terminal 5.5V max.
B5
53
HPH_R
Aout
Headphone Output Right Channel
A6
54
BVSS2
Supply
Headphone Amplifier Neg. Supply terminal
A5
55
HPH_L
Aout
Headphone Output Left Channel
D5
56
BGND
Ai/o
Loudspeaker Amplifier Reference decoupling cap terminal (100nF)
A4
57
BVDD
Supply
Pos. Supply Terminal 5.5V max.
C5
58
LSP_R
Aout
Loudspeaker Output Right Channel
B4
59
BVSS
Supply
Loudspeaker Amplifier Neg. Supply terminal
C4
60
LSP_L
Aout
Loudspeaker Output Left Channel
A3
61
BVDD
Supply
Pos. Supply Terminal 5.5V max.
B3
62
QLDO2
Aout
LDO2 Regulator Output fixed 2.9V to be connected to DVDD
A2
63
PVDD
Aout
LDO3 Regulator Output prog. to 1.7-3.3V
B2
64
CPVDD
Aout
LDO4 Regulator Output limiter to 3.56V as ChargePump Input
B2
64
CPVDD
Aout
LDO4 Regulator Output limiter to 3.56V as ChargePump Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com