Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 33 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 33 Page - ams AG

Back Button AS3515_08 Datasheet HTML 29Page - ams AG AS3515_08 Datasheet HTML 30Page - ams AG AS3515_08 Datasheet HTML 31Page - ams AG AS3515_08 Datasheet HTML 32Page - ams AG AS3515_08 Datasheet HTML 33Page - ams AG AS3515_08 Datasheet HTML 34Page - ams AG AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
32
- 66
6.11 Charge-Pump Step-Down Converter
6.11.1 General
This converter will be used to supply the core voltage for a microprocessor.
•
Input Voltage CPVDD
•
Output Voltage 0.85 to 1.8 V
•
Voltage setting via P_CVDD and CVDDp<1:0> bits in 16 steps
•
regulated 2:1 charge pump with pulse skipping
•
scaleable switches according to BVDD
•
Bypass LDO for higher currents or lower battery voltages respectively
•
Driver strength: 50mA / 200mA with bypass LDO
Figure 13 Charge Pump Block Diagram
Mode_1
VBAT Length Reg.
Mode_2
CPVDD Length Reg.
Mode_3
ChPump Length Reg.
Charge-Pump
With ext. C-Fly
500kHz
2u2F
330nF
LDO4
3.56V
clamp
CN
CP
CVDD
CPVDD
BVDD
VB1V
2u2F
CVDD Regulator
6.11.2 Functional Description
To reduce the power consumption when using CVDDs below 1.8V, CPVDD is automatically set to 3.3V and can be further reduced to
3.1V if needed.
Table 32 CVDD programming
CPVDD
P_CVDD
CVDD
CPVDDp=0 CPVDDp=1
VSS
OFF
3.3V
3.1V
150k to VSS
1.0V
3.3V
3.1V
Open
1.2V
3.3V
3.1V
150k to DVDD
1.5V
3.3V
3.1V
DVDD
1.8V
3.56V
3.56V
Additional the CVDD voltage can be trimmed with two register bits in the range of 0mV to -150mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com