Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 29 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 29 Page - ams AG

Back Button AS3515_08 Datasheet HTML 25Page - ams AG AS3515_08 Datasheet HTML 26Page - ams AG AS3515_08 Datasheet HTML 27Page - ams AG AS3515_08 Datasheet HTML 28Page - ams AG AS3515_08 Datasheet HTML 29Page - ams AG AS3515_08 Datasheet HTML 30Page - ams AG AS3515_08 Datasheet HTML 31Page - ams AG AS3515_08 Datasheet HTML 32Page - ams AG AS3515_08 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
28
- 66
6.9.2
Parameter
Table 29 DCDC Boost Parameter
Symbol Parameter
Notes
Min
Typ
Max
Unit
Power down mode
5
μA
PFM mode operation
40
μA
IVDD2.9
Supply Current
PWM mode (low output load)
300
μA
VSTARTUP
Minimum Startup Voltage
RLoad>220Ω
1.0
V
VHOLD
Hold-on Voltage
IOUT=1mA, VBAT falling from 1.5 to 0V
0.5
V
RSW_on
Internal Switch RDS_ON
300
mΩ
Start-up, X3VOK=1
100
250
500
kHz
fSW
Switching Frequency
PWM mode operation, X3VOK=0
0.9
1.2
1.42
MHz
tON_min
Minimum On-time
100
ns
tOFF_min
Minimum Off-time
100
ns
IOUT=20mA, Vin=1.35
85
%
ηeff
Efficiency
IOUT=50mA, Vin=1.5
87
%
ISW_LIM
Current Limit
1.0V ≤ VB1V ≤ 3.0V
0.85
A
IOUT
Maximum Load Current
VB1V=1.0V
150
mA
ΔVOUT
Output Voltage Ripple
ΔIOUT=100mA in 100μs
tbd.
mV
Vin=1.0..2.0V, C(Vbat) = 2.2
μF ceramic || 2000μF elko, C(Vreg) = 3 x 2.2μF ceramic, L=DS1608 4.7μH, Temp = 25deg
Figure 10 DCDC Boost Typical Performance Characteristics
60,0
65,0
70,0
75,0
80,0
85,0
90,0
1
10
100
1000
Iout [mA]
1,5V
1,35V
1,25V
1,1V
0,9V
BVDD=3.1V, L=DS1608 4.7
μH, Temp = 25deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com