Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 55 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 55 Page - ams AG

Back Button AS3515_08 Datasheet HTML 51Page - ams AG AS3515_08 Datasheet HTML 52Page - ams AG AS3515_08 Datasheet HTML 53Page - ams AG AS3515_08 Datasheet HTML 54Page - ams AG AS3515_08 Datasheet HTML 55Page - ams AG AS3515_08 Datasheet HTML 56Page - ams AG AS3515_08 Datasheet HTML 57Page - ams AG AS3515_08 Datasheet HTML 58Page - ams AG AS3515_08 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
54
- 66
Addr
Name
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
0
0
0
0
0
0
0
0
AD_FS2
ADC_Mute
_off
-
ADL_Vol<4:0>
Gain from ADCMux_Out to ADC_In= (-34.5dB … +12dB)
11h
ADC_L
0
0
0
0
0
0
0
0
ADC_on
SUM_on
DAC_on LOUT_on
LIN2_on
LIN1_on
MIC2_on
MIC1_on
14h
AudioSet1
0
0
0
0
0
0
0
0
BIAS_off DITH_off
AGC_off IBR_DAC<1:0>
LSP_LP
IBR_LSP<1:0>
15h
AudioSet2
0
0
0
0
0
0
0
0
-
-
-
-
-
ZCU_OFF IBR_HPH
HPCM_off
16h
AudioSet3
0
0
0
0
0
0
0
0
-
-
-
-
-
PLLmode<2:0>
-
1Dh
PLL_MODE
0
0
0
0
0
0
0
0
Design_Version<3:0>
PVDDp
CVDDp
EnWDogPw
dn
PwrUPHld
20h
SYSTEM
0
1
0
0
0
0
0
1
CP_SW
CP_on
LREG_
CPnot
DCDC3p<1:0>
LREG_off CVDDp<1:0>
21h
CVDD/DCDC3
0
0
1
0
0
0
0
0
TmpSup_
off
CHGI<2:0>
CHGV<2:0>
CHG_off
22h
CHARGER
0
0
0
0
0
0
0
0
For testing purpose only, must
be set to 0h
I_V15<4:0>
23h
DCDC15
0
0
0
0
0
0
0
0
BVDD_Sup<2:0>
JT_Sup<4:0>
24h
SUPERVISOR
0
0
0
0
0
0
0
0
CHG
tmphigh
CHG
endofch
CHG
status
CHG
changed
USB
status
USB
changed
RVDD
was low
BVDD
Is low
25h
IRQ_ENRD0
0
0
0
0
0
0
0
0
JTEMP
high
LSP
overcurr
HPH
overcurr
I2S
status
I2S
changed
Mic2
connect
Mic1
connect
HeadPh
Connect
26h
IRQ_ENRD1
0
0
0
0
0
0
0
0
T_deb<1:0>
IRQ_ActH
igh
IRQ_PushP
ull
Remote_Det
2
Remote_D
et1
RTC_Updat
e
ADC_EndCo
n
27h
IRQ_ENRD2
0
0
0
0
0
0
0
0
VRTC<3:0>
For testing purpose
only, must be set to 0h
RTC_ON
OSC_ON
28h
RTCV
0
0
1
0
0
0
1
1
IRQ_MIN
TRTC<6:0>
29h
RTCT
0
1
0
0
0
0
0
0
Qrtc<7:0>
2Ah
RTC_0
0
0
0
0
0
0
0
0
Qrtc<15:8>
2Bh
RTC_1
0
0
0
0
0
0
0
0
Qrtc<23:16>
2Ch
RTC_2
0
0
0
0
0
0
0
0
Qrtc<31:24>
2Dh
RTC_3
0
0
0
0
0
0
0
0
ADC_Source<3:0>
-
-
ADC<9:8>
2Eh
ADC_0
0
0
0
0
0
0
X
X
ADC<7:0>
2Fh
ADC_1
X
X
X
X
X
X
X
X
30-3F
UID_0 .. 15
ID<7:0>
…
ID>127:120>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com