Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 36 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 36 Page - ams AG

Back Button AS3515_08 Datasheet HTML 32Page - ams AG AS3515_08 Datasheet HTML 33Page - ams AG AS3515_08 Datasheet HTML 34Page - ams AG AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG AS3515_08 Datasheet HTML 39Page - ams AG AS3515_08 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
35
- 66
6.12 SYSTEM
6.12.1 General
The system block handles the power up and power down of the AS3515.
6.12.2 Power Up
The AS3515 powers up when on of the following condition is true:
•
High signal on the PWR_UP pin (>80ms, >1V)
•
Input voltage on the UVDD pin (USB plug in: >80ms, BVDD>3V, UVDD>4.5V)
•
Input voltage on the CHG_IN pin (charger plug in: >80ms, BVDD>3V, CHG_IN>4.0V)
To hold the chip in power up mode the PwrUpHld bit in the SYSTEM register (0x20h)is set.
6.12.3 Power Down
The chip automatically shuts off if one of the following conditions arises:
•
Clearing the PwrUpHld bit in SYSTEM register (0x20h)
•
I2C watchdog power down if enabled
•
BVDD drops below the minimum threshold voltage (2.6V)
•
Junction temperature reaches maximum threshold, set in SUPERVISOR register (0x24h)
•
High signal on the PWR_UP pin for more than 11s.
Figure 15 Power Up Timing
Power up from PwrUp, CHG_IN,
UVDD or RTCSUP pin
BVDD
rising with VBAT1 supply (DCDC3V)
VREF, IREF
rising with vdd_bandgap
QLDO1 & 2
AVDD & DVDD for internal supply
Enable Startup Sequence
EN LDO2 + DCDC
start sequencer with 1.2 MHz clock
VREF=ok
QLDO2=ok
Enable PVDD
Enable CVDD
+50ms
+52ms
+54ms
PowerGood = XRES
+56ms
Enable CPVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com