Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 53 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 53 Page - ams AG

Back Button AS3515_08 Datasheet HTML 49Page - ams AG AS3515_08 Datasheet HTML 50Page - ams AG AS3515_08 Datasheet HTML 51Page - ams AG AS3515_08 Datasheet HTML 52Page - ams AG AS3515_08 Datasheet HTML 53Page - ams AG AS3515_08 Datasheet HTML 54Page - ams AG AS3515_08 Datasheet HTML 55Page - ams AG AS3515_08 Datasheet HTML 56Page - ams AG AS3515_08 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
52
- 66
6.21 I2C Control Interface
6.21.1 General
There is an I2C slave block implemented to have access to 64 byte of setting information.
The I2C address is: Adr_Group8 - audioprocessors
•
8Ch_write
•
8Dh_read
Figure 18 I2C timing
RESET
SCL
SDA
8 7 6 5 4 3 2 1
8
7
6
5
4
3
2
1 A 8
7
6
5
4
3
2
1 A
DeviceWriteAddress 8Ch
Register Address
Write Data
Start
Stop
Condition
Condition
6.21.2 Parameter
Table 55 I2C Operating Conditions
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VIL
CSCL, CSDA (max 30%DVDD)
0
-
0.87
V
VIH
CSCL, CSDA (min 70%DVDD)
2.03
-
5.5
V
HYST
CSCL, CSDA
200
450
800
mV
VOL
CSDA @ 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
Speed
Frequency at CSCL
-
-
400
kHz
Tsetup
CSDA has to change Tsetup before
rising edge of CSCL
250
-
-
ns
Thold
No hold time needed for CSDA relative
to rising edge of CSCL
0
-
-
ns
TS
CSDA H hold time relative to CSDA
edge for start/stop/rep_start
600
-
-
ns
Tdata
CSDA prop delay relative to lowgoing
edge of CSCL
50
ns
DVDD =2.9V, Tamb=25ºC; unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com