Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 37 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 37 Page - ams AG

Back Button AS3515_08 Datasheet HTML 33Page - ams AG AS3515_08 Datasheet HTML 34Page - ams AG AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG AS3515_08 Datasheet HTML 39Page - ams AG AS3515_08 Datasheet HTML 40Page - ams AG AS3515_08 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
36
- 66
6.12.4 Parameter
Table 36 System Block Characteristics
Symbol Parameter
Notes
Min
Typ
Max
Unit
DVDD_POR_OFF
2.15
V
DVDD_POR_ON
2.0
V
POR_ON/OFF_HYST
100
mV
LRCK WATCHDOG
F(LRCK)_WD_OFF
2
4.1
8
kHz
ON_Delay
50
us
Digital Outputs
VOL
IRQ, PWGOOD @ 8 mA
-
-
0.3
V
VOH
IRQ @ 8 mA, push/pull mode only
2.6
-
-
V
Ipullup
IRQ, PWGOOD
10
uA
BVDD = 3.3V, DVDD = 2.9V, TA= 25oC unless otherwise mentioned
6.12.5 Register Description
SYSTEM Register (20h)
Table 37 System Register
Bit
Name
Description
7..4
Version <3:0>
Unique number to identify the design version
0101: revision 6
3
PVDDp
PVDD trimming:
0: Vnom
1: Vnom *17/18
2
CPVDDp
CPVDD trimming:
0: Vnom 3.3 or 3.56V depending on CVDD
1: 3.1V if CVDD is 1.5V or smaller
1
EnWDogPwdn
0: forced power down through watchdog is disabled
1: forced power down through watchdog is enabled
0
PwrUpHld
0: power up hold is cleared and supply is switched off
1: set to on after power on
The register is R/W (bits 7 to 4 are read only); default value is 21h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com