Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 35 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 35 Page - ams AG

Back Button AS3515_08 Datasheet HTML 31Page - ams AG AS3515_08 Datasheet HTML 32Page - ams AG AS3515_08 Datasheet HTML 33Page - ams AG AS3515_08 Datasheet HTML 34Page - ams AG AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG AS3515_08 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
34
- 66
6.11.3 Parameter
Table 35 CVDD Charge Pump Parameter
Symbol Parameter
Notes
Min
Typ
Max
Unit
VOUT
Regulated output voltage
0.85
1.8
V
VOUT_tol
Output voltage tolerance
-50
50
mV
CP mode
50
mA
Iload
Maximum Load current
LDO mode
200
ILIMIT
Current limitation
LDO mode
400
mA
Figure 14 CVDD Charge Pump Typical Performance Characteristics
CVDD Charge Pump Re gulation to 1.2V
1,05
1,1
1,15
1,2
1,25
1,3
0
50
100
150
200
250
I_CVDD [mA]
h
CVDD Lengh Regulation to 1.2V
1
1,05
1,1
1,15
1,2
1,25
0
50
100
150
200
250
300
350
400
I_CVDD [mA]
BVDD= 2.8V
BVDD= 3.0V BVDD= 3.2V
BVDD= 3.4V
BVDD= 3.6V
BVDD= 3.0V
BVDD= 3.2V
BVDD= 3.4V
BVDD= 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com