Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 57 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 57 Page - ams AG

Back Button AS3515_08 Datasheet HTML 53Page - ams AG AS3515_08 Datasheet HTML 54Page - ams AG AS3515_08 Datasheet HTML 55Page - ams AG AS3515_08 Datasheet HTML 56Page - ams AG AS3515_08 Datasheet HTML 57Page - ams AG AS3515_08 Datasheet HTML 58Page - ams AG AS3515_08 Datasheet HTML 59Page - ams AG AS3515_08 Datasheet HTML 60Page - ams AG AS3515_08 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
56
- 66
DAC to SP Output
RL= 32
Ω, 1kHz 1VRMS (FS) input
1.036
VRMS
RL= 16
Ω, 1kHz 1VRMS (FS) input
1.023
VRMS
FS
Full Scale Output
RL= 4
Ω, 1kHz 1VRMS (FS) input
0.950
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
91
dB
no load, 1kHz 1VRMS (FS) input
-88
dB
R=32
Ω, 1kHz 1VRMS (FS) input
-78
dB
R=16
Ω, 1kHz 1VRMS (FS) input
-71
dB
R=4
Ω, 1kHz 1VRMS (FS) input,
BVDD=5V
-60
dB
THD
Total Harmonic Distortion
R=4
Ω, 1kHz 0.7VRMS (FS) input,
BVDD=4V, bias reduction on
-58
dB
A-weighted, no load, 1kHz 1VRMS (FS)
input
85
dB
A-weighted, R=32
Ω, 1kHz 1VRMS (FS)
input
77
dB
A-weighted, R=16
Ω, 1kHz 1VRMS (FS)
input
71
dB
SINAD
Signal to Noise and Distortion
A-weighted, R=4
Ω, 1kHz 1VRMS (FS)
input, BVDD=5V
60
dB
CS
Channel Separation
RL = 32
Ω
60
dB
MIC Input to ADC Output
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
81
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
80
dB
THD
Total Harmonic Distortion
1kHz 27mVRMS (-3dB FS) input
-62
dB
SINAD
Signal to Noise and Distortion A-weighted, 1kHz 27mVRMS (-3dB FS)
input
61
dB
Line Input to ADC Output
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
83
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
82
dB
THD
Total Harmonic Distortion
1kHz 1VRMS (-3dB FS) input
-62
dB
SINAD
Signal to Noise and Distortion A-weighted, 1kHz 1VRMS (-3dB FS) input
61
dB
BVDD = 3.3V, TA= 25oC, fs=48kHz, RL= 10k
Ω unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com