Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 38 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 38 Page - ams AG

Back Button AS3515_08 Datasheet HTML 34Page - ams AG AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG AS3515_08 Datasheet HTML 39Page - ams AG AS3515_08 Datasheet HTML 40Page - ams AG AS3515_08 Datasheet HTML 41Page - ams AG AS3515_08 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
37
- 66
CVDD / DCDC3 Register (21h)
Table 38 CVDD / DCDC3 Register
Bit
Name
Description
7
CP_SW
charge pump / length regulator switch margin reduction
0: margin set to 200/300 mV
1: margin reduced to 150/225 mV (automatic switching to length regulator is done “later”,
at a lower input voltage)
6
CP_on
0: normal operation
1: keeps Mode 3 charge pump always on
Please note that bit 2 = “0”, overrides bit 6.
5
LREG_CPnot
write:
For testing purpose only, must be set to 0h
read:
0: CP is working
1: LREG is working
4,3
DCDC3p
DCDC3 Vout programminig
00: 3.6V
01: 3.2V
10: 3.1V
11: 3.0V
2
LREG_off
0: keeps Mode 2 length regulator always on
1: normal operation
0,1
CVDDp1
CVDD trimming:
00: Vnom
01: Vnom –50mV
10: Vnom –100mV
11: Vnom – 150mV
The register is R/W; default value is 20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com