Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 39 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 39 Page - ams AG

Back Button AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG AS3515_08 Datasheet HTML 39Page - ams AG AS3515_08 Datasheet HTML 40Page - ams AG AS3515_08 Datasheet HTML 41Page - ams AG AS3515_08 Datasheet HTML 42Page - ams AG AS3515_08 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
38
- 66
6.13 Charger
6.13.1 General
This block can be used to charge a 4V Li-Io accumulator. It supports constant current and constant voltage charging modes with
adjustable charging currents (50 to 400mA) and maximum charging voltage (3.9 to 4.25V).
6.13.2 Trickle Charge
If the battery voltage is below 3V, the charger goes automatically in trickle charge mode with 50mA charging current and 3.9V endpoint
voltage. In this mode charging current and voltage are not precise, but provide a charger function also for deep discharged batteries. Also
the temperature supervision
6.13.3 Temperature Supervision
This charger block also features a supply for an external 100k NTC resistor to measure the battery temperature while charging. If the
temperature is too high, an interrupt can be generated.
6.13.4 Parameter
Table 39 Charger Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
ICHG_trick
Charging Current
(trickle charge)
BVDD<=3V, CHG_IN = 4.5V - 5.5V
25
50
100
mA
VCHG_trick
Charger Endpoint Voltage
(trickle charge)
BVDD<=3V, CHG_IN = 4.5V
0.72*
CHG_IN
4.1
V
ICHG (0-7) Charging Current
BVDD > 3V, ICHG = 150 – 400mA
INOM
-20%
INOM
INOM
+20%
mA
VCHG (0-7) Charging Voltage
BVDD > 3V, end of charge is true
VNOM
-60mV
VNOM
VNOM
+30mV
V
VON_ABS
Charger On Voltage IRQ
BVDD = 3V
3.1
4.0
V
VON_REL
Charger On Voltage IRQ
CHG_IN-CHG_OUT
170
240
mV
VOFF_REL
Charger Off Voltage IRQ
CHG_IN-CHG_OUT
40
77
mV
VBATEMP_ON Battery Temp. high level
BVDD >3V
380
400
420
mV
VBATEMP_OFF Battery Temp. low level
BVDD >3V
480
500
520
mV
ICHG_OFF
End Of Charge current level
BVDD >3V
10%
INOM
mA
IREV_OFF
Reverse current shut down
CHG_OUT = 5V, CHG_IN = VSS
<1
uA
BVDD=3.6V; Tamb=25ºC; unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com