Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 40 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 40 Page - ams AG

Back Button AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG AS3515_08 Datasheet HTML 39Page - ams AG AS3515_08 Datasheet HTML 40Page - ams AG AS3515_08 Datasheet HTML 41Page - ams AG AS3515_08 Datasheet HTML 42Page - ams AG AS3515_08 Datasheet HTML 43Page - ams AG AS3515_08 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
39
- 66
6.13.5 Register Description
End of charge and battery over-temperature interrupts can be generated with the corresponding bits in the IRQ_ENRD0 register (0x25h).
Also the status of the charger (supply present or not) can be monitored via this register and if needed an interrupt is generated on a status
change.
All other charger functions are controlled in the following register.
Charger Register (22h)
Table 40 Charger Register
Bit
Name
Description
7
TMPSup_off
0: enables supply for external 100k NTC resistor
1: disables supply
6..4
CHG_I
set maximum charging current
111: 400 mA
110: 350 mA
..
001: 100 mA
000: 50 mA
3..1
CHG_V
set maximum charger voltage
111: 4.25 V
110: 4.2 V
..
001: 3.95 V
000: 3.9 V
0
CHG_OFF
0: enables Charger
1: disables Charger
The register is R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com