Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 44 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 44 Page - ams AG

Back Button AS3515_08 Datasheet HTML 40Page - ams AG AS3515_08 Datasheet HTML 41Page - ams AG AS3515_08 Datasheet HTML 42Page - ams AG AS3515_08 Datasheet HTML 43Page - ams AG AS3515_08 Datasheet HTML 44Page - ams AG AS3515_08 Datasheet HTML 45Page - ams AG AS3515_08 Datasheet HTML 46Page - ams AG AS3515_08 Datasheet HTML 47Page - ams AG AS3515_08 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
43
- 66
6.16 Interrupt Generation
6.16.1 General
All interrupt sources can get enabled or disabled by corresponding bits in the 3 IRQ-bytes. By default no IRQ source is enabled.
The IRQ output can get configured to be PUSH/PULL or OPEN_DRAIN and ACTIVE_HIGH or ACTIVE LOW with 2 bits in IRQ_ENRD2
register (0x27h). Default state is push/pull and active_high.
6.16.2 IRQ Source Interpretation
There are 3 different modules to process interrupt sources:
LEVEL
The IRQ output is kept active as long as the interrupt source is present and this IRQ-Bit is enabled
EDGE
The IRQ gets active with a high going edge of this source. The IRQ stays active until the corresponding IRQ-Register gets read.
STATUS CHANGE
The IRQ gets active when the source-state changes. The change bit and the status can be read to notice which interrupt was the source.
The IRQ stays active until the corresponding interrupt register gets read.
6.16.3 De-bouncer
There is a de-bouncer function implemented for USB and CHARGER. Since these 2 signals can be unstable for the phase of plug-in or
unplug, a de-bounce time of 512ms/256ms/128ms/0ms can be selected by 2 bits in the IRQ_ENRD2 register (0x27h).
6.16.4 Register Description
First Interrupt Register (25h)
Table 44 IRQ_ENRD0 Register
Bit
Name
Int. Type
Description
7
CHG_tmphigh
Level
1: battery temperature was too high and the charger was turned off
6
CHG_endofch
Edge
1: charging is complete, turn charger off
After turning off the charger, IRQ will be released.
5
CHG_status
1: charger connected, also valid if charger is connected during wakeup
4
CHG_changed Status change 1: charger status changed, check CHG_status
3
USB_status
1: USB connected, also valid if USB is connected during wakeup
2
USB_changed
Status change 1: USB status changed, check UB_status
1
RVDD_waslow Level
1: if RTC supply was low, RTC not longer valid
IRQ will be released by any I2C action.
0
BVDD_islow
Level
1:BVDD has reached brown out level
The register is R/W; default value is 00h
By writing to the register the corresponding interrupt is enabled, reading the register delivers the interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com