Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 43 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 43 Page - ams AG

Back Button AS3515_08 Datasheet HTML 39Page - ams AG AS3515_08 Datasheet HTML 40Page - ams AG AS3515_08 Datasheet HTML 41Page - ams AG AS3515_08 Datasheet HTML 42Page - ams AG AS3515_08 Datasheet HTML 43Page - ams AG AS3515_08 Datasheet HTML 44Page - ams AG AS3515_08 Datasheet HTML 45Page - ams AG AS3515_08 Datasheet HTML 46Page - ams AG AS3515_08 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
42
- 66
6.15 Supervisor
6.15.1 General
This supervisor function can be used for automatic detection of BVDD brown out or junction over-temperature condition.
6.15.2 BVDD Supervision
The supervision level can be set in 8 steps @ 60mV from 2.74 to 3.16V. If the level is reached an interrupt can be generated. If BVDD
reaches 2.6V the AS3515 shuts down automatically.
6.15.3 Junction Temperature Supervision
The temperature supervision level can also be set by 5 bits (120 to –15oC). If the temperature reaches this level, an interrupt can be
generated. The over-temperature shutdown level is always 20oC higher. If the IRQ level is set to 120oC the shutdown is disabled.
6.15.4 Register Description
Interrupts for battery supervision has to be enabled in the IRQ_ENRD0 register (0x25h), while the over-temperature interrupt is controlled
via the IRQ_ENRD1 register (0x26h). All other functions can be set via the following register.
SUPERVISOR Register (24h)
Table 43 Supervisor Register
Bit
Name
Description
7..5
BVDD_Sup<2:0> Supervision of BVDD brown out
V_BrownOut=2.74+x*60mV
000: 2.74V
001: 2.80V
…
110: 3.10V
111: 3.16V
4..0
JT_Sup<4:0>
Junction temperature supervision:
Temp_ShutDown=140-x*5
°C
Temp_IRQ=120-x*5
°C
JT_Sup
IRQ
00000
00001
00010
:
11110
11111
120oC
115oC
110oC
:
-30oC
-35oC
ShutDown
OFF
135oC
130oC
:
-10oC
-15oC
The register is R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com