Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 54 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 54 Page - ams AG

Back Button AS3515_08 Datasheet HTML 50Page - ams AG AS3515_08 Datasheet HTML 51Page - ams AG AS3515_08 Datasheet HTML 52Page - ams AG AS3515_08 Datasheet HTML 53Page - ams AG AS3515_08 Datasheet HTML 54Page - ams AG AS3515_08 Datasheet HTML 55Page - ams AG AS3515_08 Datasheet HTML 56Page - ams AG AS3515_08 Datasheet HTML 57Page - ams AG AS3515_08 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
53
- 66
6.21.3 Register Description
Registers Overview (00h to 3Fh)
Table 56 I2C Register Overview
Addr
Name
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
reserved
-
LOR_Vol<4:0>
Gain from Mixer_Out to Line_Out= (-40.5dB … +6dB)
00h
LINE_OUT_R
0
0
0
0
0
0
0
0
LO_SES_DM<1:0>
-
LOL_Vol<4:0>
Gain from Mixer_Out to Line_Out= (-40.5dB … +6dB)
01h
LINE_OUT_L
0
0
0
0
0
0
0
0
HP_OVC_TO<1:0>
-
HPR_Vol<4:0>
Gain from Mixer_Out to HPH_Out= (-45.43dB … +1.07dB)
02h
HPH_OUT_R
0
0
0
0
0
0
0
0
HP_Mute HP_ON
HPdetON HPL_Vol<4:0>
Gain from Mixer_Out to HPH_Out= (-45.43dB … +1.07dB)
03h
HPH_OUT_L
0
0
0
0
0
0
0
0
SP_OVC_TO<1:0>
-
SPR_Vol<4:0>
Gain from Mixer_Out to LSP_Out= (-40.5dB … +6.0dB)
04h
LSP_OUT_R
0
0
0
0
0
0
0
0
SP_Mute SP_ON
-
SPL_Vol<4:0>
Gain from Mixer_Out to LSP_Out= (-40.5dB … +6.0dB)
05h
LSP_OUT_L
0
0
0
0
0
0
0
0
M1_AGC
_off
M1_Gain<1:0>
M1R_Vol<4:0>
Gain from MicAmp_Out to Mixer_In= (-40.5dB … +6.0dB)
06h
MIC1_R
0
0
0
0
0
0
0
0
M1_Sup
_off
M1_Mute
_off
-
M1L_Vol<4:0>
Gain from MicAmp_Out to Mixer_In= (-40.5dB … +6.0dB)
07h
MIC1_L
0
0
0
0
0
0
0
0
M2_AGC
_off
M2_Gain<1:0>
M2R_Vol<4:0>
Gain from MicAmp_Out to Mixer_In= (-40.5dB … +6.0dB)
08h
MIC2_R
0
0
0
0
0
0
0
0
M2_Sup
_off
M2_Mute
_off
-
M2L_Vol<4:0>
Gain from MicAmp_Out to Mixer_In= (-40.5dB … +6.0dB)
09h
MIC2_L
0
0
0
0
0
0
0
0
-
-
LI1R_
Mute_off
LI1R_Vol<4:0>
Gain from LineIn_Pin to Mixer_In=-34.5dB+LI1R_VOL*1.5dB
(-34.5dB … +12dB)
0Ah
Line_IN1_R
0
0
0
0
0
0
0
0
LI1_Mode<1:0>
LI1L_
Mute_off
LI1L_Vol<4:0>
Gain from LineIn_Pin to Mixer_In= (-34.5dB … +12dB)
0Bh
Line_IN1_L
0
0
0
0
0
0
0
0
-
-
LI2R_
Mute_off
LI2R_Vol<4:0>
Gain from LineIn_Pin to Mixer_In= (-34.5dB … +12dB)
0Ch
Line_IN2_R
0
0
0
0
0
0
0
0
LI2_Mode<1:0>
LI2L_
Mute_off
LI2L_Vol<4:0>
Gain from LineIn_Pin to Mixer_In= (-34.5dB … +12dB)
0Dh
Line_IN2_L
0
0
0
0
0
0
0
0
-
-
-
DAR_Vol<4:0>
Gain from DAC_Out to Mixer_In= (-40.5dB … +6dB)
0Eh
DAC_R
0
0
0
0
0
0
0
0
-
DAC_Mute
_off
-
DAL_Vol<4:0>
Gain from DAC_Out to Mixer_In= (-40.5dB … +6dB)
0Fh
DAC_L
0
0
0
0
0
0
0
0
10h
ADC_R
ADCmux<1:0>
-
ADR_Vol<4:0>
Gain from ADCMux_Out to ADC_In= (-34.5dB … +12dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com