Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 27 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 27 Page - ams AG

Back Button AS3515_08 Datasheet HTML 23Page - ams AG AS3515_08 Datasheet HTML 24Page - ams AG AS3515_08 Datasheet HTML 25Page - ams AG AS3515_08 Datasheet HTML 26Page - ams AG AS3515_08 Datasheet HTML 27Page - ams AG AS3515_08 Datasheet HTML 28Page - ams AG AS3515_08 Datasheet HTML 29Page - ams AG AS3515_08 Datasheet HTML 30Page - ams AG AS3515_08 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
26
- 66
Third AudioSet Register (16h)
Table 28 AudioSet3 Register
Bit
Name
Description
7..3
-
Not used
2
ZCU_off
Zero cross gain update of audio outputs
1: zero cross update disabled
0: zero cross update enabled
1
IBR_HPH
Bias current reduction settings for headphone output:
1: headphone output driver set for 32Ohm load or more (68%)
0: headphone output driver set for 16Ohm load (100%)
0
HPCM_off
Headphone common mode buffer settings:
1: headphone CM buffer is switched off
0: headphone CM buffer is switched on
The register is R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com