Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 47 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 47 Page - ams AG

Back Button AS3515_08 Datasheet HTML 43Page - ams AG AS3515_08 Datasheet HTML 44Page - ams AG AS3515_08 Datasheet HTML 45Page - ams AG AS3515_08 Datasheet HTML 46Page - ams AG AS3515_08 Datasheet HTML 47Page - ams AG AS3515_08 Datasheet HTML 48Page - ams AG AS3515_08 Datasheet HTML 49Page - ams AG AS3515_08 Datasheet HTML 50Page - ams AG AS3515_08 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
46
- 66
RTCT Register (29h)
Table 48 RTCT Register
Bit
Name
Description
7
IRQ_MIN
0: generates an interrupt every second
1: generates an interrupt every minute
6..0
TRTC<6..0>
Trimming register for RTC, 128 steps @ 7.6ppm
000000: 1 (7.6ppm)
000001: 2 (15.2ppm)
…
100000: 64 (488ppm)
…
111110: 126 (960.8ppm)
111111: 127 (968.4ppm)
The register is R/W; default value is 40h
RTC Registers (2Ah to 2Dh)
Table 49 RTC_0 to RTC_3 Register
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Description
2Ah
RTC_0 Qrtc<7>
Qrtc<6>
Qrtc<5>
Qrtc<4>
Qrtc<3>
Qrtc<2>
Qrtc<1>
Qrtc>0>
second register 0
2Bh
RTC_1 Qrtc<15> Qrtc<14> Qrtc<13> Qrtc<12> Qrtc<11> Qrtc<10> Qrtc<9>
Qrtc<8>
second register 1
2Ch
RTC_2 Qrtc<23> Qrtc<22> Qrtc<21> Qrtc<20> Qrtc<19> Qrtc<18> Qrtc<17> Qrtc<16> second register 2
2Dh
RTC_3 Qrtc<31> Qrtc<30> Qrtc<29> Qrtc<28> Qrtc<27> Qrtc<26> Qrtc<25> Qrtc<24> second register 3
The registers are R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com