Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 51 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 51 Page - ams AG

Back Button AS3515_08 Datasheet HTML 47Page - ams AG AS3515_08 Datasheet HTML 48Page - ams AG AS3515_08 Datasheet HTML 49Page - ams AG AS3515_08 Datasheet HTML 50Page - ams AG AS3515_08 Datasheet HTML 51Page - ams AG AS3515_08 Datasheet HTML 52Page - ams AG AS3515_08 Datasheet HTML 53Page - ams AG AS3515_08 Datasheet HTML 54Page - ams AG AS3515_08 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
50
- 66
6.19 128 bit Fuse Array
6.19.1 General
This fuse array is used to store a unique identification number, which can be used for DRM issues. The number is randomly generated
and programmed during the production process.
6.19.2 Register Description
UID Registers (30h to 3Fh)
Table 54 UID_0 to UDI15_3 Register
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Description
30h
UID_0
ID<7>
ID<6>
ID<5>
ID<4>
ID<3>
ID<2>
ID<1>
ID<0>
Unique ID byte 0
31h
UID_1
ID<15>
ID<14>
ID<13>
ID<12>
ID<11>
ID<10>
ID<9>
ID<8>
Unique ID byte 1
32h
UID_2
ID<23>
ID<22>
ID<21>
ID<20>
ID<19>
ID<18>
ID<17>
ID<16>
Unique ID byte 2
33h
UID_3
ID<31>
ID<30>
ID<29>
ID<28>
ID<27>
ID<26>
ID<25>
ID<24>
Unique ID byte 3
34h
UID_4
ID<39>
ID<38>
ID<37>
ID<36>
ID<35>
ID<34>
ID<33>
ID<32>
Unique ID byte 4
35h
UID_5
ID<47>
ID<46>
ID<45>
ID<44>
ID<43>
ID<42>
ID<41>
ID<40>
Unique ID byte 5
36h
UID_6
ID<55>
ID<54>
ID<53>
ID<52>
ID<51>
ID<50>
ID<49>
ID<48>
Unique ID byte 6
37h
UID_7
ID<63>
ID<62>
ID<61>
ID<60>
ID<59>
ID<58>
ID<57>
ID<56>
Unique ID byte 7
38h
UID_8
ID<71>
ID<70>
ID<69>
ID<68>
ID<67>
ID<66>
ID<65>
ID<64>
Unique ID byte 8
39h
UID_9
ID<79>
ID<78>
ID<77>
ID<76>
ID<75>
ID<74>
ID<73>
ID<72>
Unique ID byte 9
3Ah
UID_10 ID<87>
ID<86>
ID<85>
ID<84>
ID<83>
ID<82>
ID<81>
ID<80>
Unique ID byte 10
3Bh
UID_11 ID<95>
ID<94>
ID<93>
ID<92>
ID<91>
ID<90>
ID<89>
ID<88>
Unique ID byte 11
3Ch
UID_12 ID<103>
ID<102>
ID<101>
ID<100>
ID<99>
ID<98>
ID<97>
ID<96>
Unique ID byte 12
3Dh
UID_13 ID<111>
ID<110>
ID<109>
ID<108>
ID<107>
ID<106>
ID<105>
ID<104>
Unique ID byte 13
3Eh
UID_14 ID<119>
ID<118>
ID<117>
ID<116>
ID<115>
ID<114>
ID<113>
ID<112>
Unique ID byte 14
3Fh
UID_15 ID<127>
ID<126>
ID<125>
ID<124>
ID<123>
ID<122>
ID<121>
ID<120>
Unique ID byte 15
The register is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com