Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 56 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 56 Page - ams AG

Back Button AS3515_08 Datasheet HTML 52Page - ams AG AS3515_08 Datasheet HTML 53Page - ams AG AS3515_08 Datasheet HTML 54Page - ams AG AS3515_08 Datasheet HTML 55Page - ams AG AS3515_08 Datasheet HTML 56Page - ams AG AS3515_08 Datasheet HTML 57Page - ams AG AS3515_08 Datasheet HTML 58Page - ams AG AS3515_08 Datasheet HTML 59Page - ams AG AS3515_08 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
55
- 66
7 Electrical Specification
Table 57 Audio Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
DAC Input to Line Output
FS
Full Scale Output
1kHz FS input
0.985
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
92
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
89
dB
THD
Total Harmonic Distortion
1kHz FS input
-90
dB
SINAD
Signal to Noise and Distortion A-weighted, 1kHz FS input
83
dB
Line Input to Line Output
FS
Full Scale Output
1kHz 1VRMS (FS) input
0.95
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
93
dB
THD
Total Harmonic Distortion
1kHz 1VRMS (FS) input
-85
dB
SINAD
Signal to Noise and Distortion A-weighted, 1kHz FS input
80
dB
CS
Channel Separation
89
dB
DAC Input to HP Output
RL= 32
Ω
0.950
VRMS
FS
Full Scale Output
RL= 16
Ω
0.944
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
94
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
90
dB
no load, 1kHz FS input
-90
dB
Pout=20mW, RL= 32
Ω, f=1kHz FS input
-73
dB
THD
Total Harmonic Distortion
Pout=40mW, RL= 16
Ω, f=1kHz FS input
-66
dB
A-weighted, no load, 1kHz FS input
84
dB
A-weighted,Pout=20mW, RL= 32
Ω,
f=1kHz FS input
73
dB
SINAD
Signal to Noise and Distortion
A-weighted,Pout=40mW, RL= 16
Ω,
f=1kHz FS input
66
-60
dB
RL = 32
Ω
73
dB
CS
Channel Separation
RL = 16
Ω
67
dB
Line Input to HP Output
RL= 32
Ω, 1kHz 1VRMS(FS) input
0.930
VRMS
FS
Full Scale Output
RL= 16
Ω, 1kHz 1VRMS (FS) input
0.929
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
96
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
(FS) input
95
dB
no load, 1kHz 1VRMS input
-85
dB
Pout=20mW, R=32
Ω, 1kHz 1VRMS (FS)
input
-75
dB
THD
Total Harmonic Distortion
Pout=40mW, R=16
Ω, 1kHz 1VRMS (FS)
input
-68
-60
dB
A-weighted, no load, 1kHz 1VRMS input
84
dB
A-weighted, Pout=20mW, R=32
Ω, 1kHz
1VRMS (FS) input
73
dB
SINAD
Signal to Noise and Distortion
A-weighted, Pout=40mW, R=16
Ω, 1kHz
1VRMS (FS) input
68
dB
RL = 32
Ω
73
dB
CS
Channel Separation
RL = 16
Ω
68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com