Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 34 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 34 Page - ams AG

Back Button AS3515_08 Datasheet HTML 30Page - ams AG AS3515_08 Datasheet HTML 31Page - ams AG AS3515_08 Datasheet HTML 32Page - ams AG AS3515_08 Datasheet HTML 33Page - ams AG AS3515_08 Datasheet HTML 34Page - ams AG AS3515_08 Datasheet HTML 35Page - ams AG AS3515_08 Datasheet HTML 36Page - ams AG AS3515_08 Datasheet HTML 37Page - ams AG AS3515_08 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
33
- 66
Table 33 CVDD trimming
CVDDp<1:0>
CVDD
0
0
Vnom (see )
0
1
Vnom – 50mV
1
0
Vnom - 100mV
1
1
Vnom - 150mV
This gives 0.85V to 1.8V as total range of the CVDD voltage.
Table 34 CVDD programming range
P_CVDD
CVDDp=11
CVDDp=10
CVDDp=01
CVDD=00
VSS
OFF
OFF
OFF
OFF
150k to VSS
0.85V
0.90V
0.95V
1.00V
Open
1.15V
1.10V
1.15V
1.20V
150k to DVDD
1.35V
1.40V
1.45V
1.50V
DVDD
1.65V
1.70V
1.75V
1.80V
Three different functional paths generate CVDD:
1.
Direct length regulation from VB1V
Mode1=true IF ((VNOM+Vmargin1) < VB1V < (VTH1)) && (NoUSB)
Vmargin1=50mV/150mV (100mV Hysteresis)
VTH1=1.7V/1.8V (100mV Hysteresis)
•
VBAT LDO is used when VB1V>(VNOM+50mV) because length reg. is a 1ohm device.
•
VBAT LDO is used when VB1V<(1.8V) since Mode1 is efficient just with single battery cell.
•
VBAT LDO is not used when there is high supply present from USB even when VB1V is in range.
•
(there is no dependency on CHARGER_IN needed because with a charger a 4V LiIo battery is used anyway)
2.
Direct length regulation from CPVDD
Mode2=true IF ((Not Mode1) && (CPVDD < (VNOM+Vmargin2)))
Vmargin2=200mV/300mV (100mV Hysteresis)
•
CPVDD LDO is used when VBAT LDO Mode1 is not entered and
•
CPVDD is not high enough to do 2:1 charge-pump regulation.
3.
Charge-Pump CPVDD division by 2 active plus length regulation
Mode3=true IF ((Not Mode1) && (Not Mode2))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com