Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 46 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 46 Page - ams AG

Back Button AS3515_08 Datasheet HTML 42Page - ams AG AS3515_08 Datasheet HTML 43Page - ams AG AS3515_08 Datasheet HTML 44Page - ams AG AS3515_08 Datasheet HTML 45Page - ams AG AS3515_08 Datasheet HTML 46Page - ams AG AS3515_08 Datasheet HTML 47Page - ams AG AS3515_08 Datasheet HTML 48Page - ams AG AS3515_08 Datasheet HTML 49Page - ams AG AS3515_08 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
45
- 66
6.17 Real Time Clock
6.17.1 General
The real time clock block is an independent block, which is still working even the AS3515, is shut down. The block uses a standard 32kHz
crystal that is connected to a low power oscillator. An internal 32bit second register stores the current time.
The RTC block has special functions for trimming the time base and generating interrupts every second or minute.
6.17.2 RTC supply
The internal RTC is supplied via the RTCSUP pin. The block has an internal LDO to generate the RTC supply voltage on RVDD pin. This
voltage can be programmed via the RTCV register (0x28h). If the internal RTC is not used, RVDD can be used to supply an external RTC
block.
If the supply voltage on RTCSUP pin rises, the whole AS3515 gets powered up.
6.17.3 Register Description
A RTCSUP low condition can be signalled by an interrupt request, if the corresponding bit in the IRQ_ENRD0 register (0x25h) is set. To
get a second or minute interrupt the enable bit in IRQ_ENRD2 register (0x27h) All other RTC functions can be controlled and accessed
via the following registers.
RTCV Register (28h)
Table 47 RTCV Register
Bit
Name
Description
7..4
VRTC<3..0>
Sets the RTC supply voltage, 16 steps @ 0.1V, default is 1.2V
0000: 1V
0001: 1.1V
0010: 1.2V
…
1110: 2.4V
1111: 2.5V
3,2
Reserved
For testing purpose only, must be set to 0h
1
RTC_ON
0: Disable clock for RTC
1: Enables clock for RTC
0
OSC_ON
0: Disables RTC oscillator
1: Enables RTC oscillator
The register is R/W; default value is 23h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com