Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 30 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 30 Page - ams AG

Back Button AS3515_08 Datasheet HTML 26Page - ams AG AS3515_08 Datasheet HTML 27Page - ams AG AS3515_08 Datasheet HTML 28Page - ams AG AS3515_08 Datasheet HTML 29Page - ams AG AS3515_08 Datasheet HTML 30Page - ams AG AS3515_08 Datasheet HTML 31Page - ams AG AS3515_08 Datasheet HTML 32Page - ams AG AS3515_08 Datasheet HTML 33Page - ams AG AS3515_08 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
29
- 66
6.10 Low Drop Out Regulators
6.10.1 General
These LDO’s are designed to supply sensitive analogue circuits, audio devices, AD and DA converters, micro-controller and other
peripheral devices.
The design is optimised to deliver the best compromise between quiescent current and regulator performance for battery powered
devices.
Stability is guaranteed with ceramic output capacitors of 1μF +/-20% (X5R) or 2.2μF +100/-50% (Z5U). The low ESR of these caps
ensures low output impedance at high frequencies. Regulation performance is excellent even under low dropout conditions, when the
power transistor has to operate in linear mode. Power supply rejection is high enough to suppress high ripple on the battery at the output.
The low noise performance allows direct connection of noise sensitive circuits without additional filtering networks. The low impedance of
the power device enables the device to deliver up to 150mA even at nearly discharged batteries without any decrease of performance.
Figure 11 LDO Block Diagram
Vref
1.8V
Low Noise
DC reference
High Gain
Low Bandwidth
Amplifier
Low Gain
Ultra High Bandwidth
Amplifier
PMOS
Power Device
1
Ω max.
VBAT
3V-5.5V
Vout
1.85-3.4V
150mA Load
1
μF
Z5U
external
GND
C_comp
(internal)
Vout
1.7 - 3.56V
200mA load
BVDD
3-5.5V
6.10.2 LDO1
This LDO generates the analog supply voltage used for the AS3515 itself.
•
Input voltage is BVDD
•
Output voltage is AVDD (typ. 2.9V)
6.10.3 LDO2
This LDO generates the digital supply voltage used for the AS3515 itself, microprocessor peripheral supply and external components like
SD-Cards, Nand-Flashes, FM-Radio…
•
Input Voltage is BVDD
•
Output Voltage is DVDD (typ. 2.9V)
•
Driver strength: 200mA
6.10.4 LDO3
This LDO will be used to supply the periphery voltage for a microprocessor.
•
Input Voltage BVDD
•
Output Voltage is PVDD 1.7 to 3.3V
•
Driver strength: 200mA
•
Programmable via P_PVDD pin and PVDDp bit in 8 steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com