Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 59 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 59 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 55Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 56Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 57Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 58Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 59Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 60Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 61Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 62Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 63Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
59
8Bit Single Chip Microcontroller
DMC73C167
Table 5-36. P54 0136h SADDR I2C Slave Address
Bit
7
6
5
4
3
2
1
0
R
-
Not Used
W
-
7-bit Slave Address
Bit 7
Not used.
Bit 6-0
7-bit Slave Address Register (READ/WRITE).
The Slave address register is programmable. This register must be set
with the appropriate value before the slave hardware logic is enabled,
that is before setting the ENABLE bit of SCTL.
Table 5-37. P55 0137h SDATA I2C Slave Data
Bit
7
6
5
4
3
2
1
0
R
Slave Receive Data
W
Slave Transmit Data
Bit 7-0
Slave Receive/Transmit Data (READ/WRITE).
The CPU can read or write parallel 8-bit data. During data transfer from/
to the I2C, data is shifted bit by bit. The receiving data will be read when
INT5_2F=1, after which the INT5_2F flag should be cleared. The transmitting
data will be written when INT5_2F=1, after which the INT5_2F flag should
be cleared.
5.7.2.2 Timing of Slave Mode Operations
5.7.2.2.1 Slave Receiver Mode
If the slave receives its slave address from the master, the contents of the P56 register
will be set to SEL=1/SDIR=0/GCALL=0/INT5_2F=0. If one byte of data is received,
the INT5_2F flag will be set, and the interrupt will occur. At that time the contents of
the P56 register will be set to SEL=1/SDIR=0/GCALL=0/INT5_2F=1. After that,
the INT5_2F flag will be set every time one byte of data is received.
This waveform shows the address cycle and the transfer of one byte of data during the
master transmitter mode (slave receiver mode). At the seventh SCL high, if the slave
address matches, the SEL bit will be set. At the eighth SCL high, the SDIR bit will be
set to zero, and after the eighth SCL falling, the slave will generate ACK on the SDA
line. On receipt of each byte of data from the master, the slave interrupt (INT5_2F)
is generated.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com