Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 45 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 45 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 41Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 42Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 43Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 44Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 45Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 46Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 47Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 48Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 49Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
45
8Bit Single Chip Microcontroller
DMC73C167
5.5.3 Warming-up Timer
A 14-bit counter (P33, P34) is used as a warming-up delay timer which supplies a stable
oscillation condition from the system halt mode. The system clock cannot be active before
the warming-up counter's underflow. Fosc/2 (system clock frequency) is the decrementer
clock source of the 14-bit warm-up counter. The delay time is programmable by changing
P33 (the 6-bit MS value) and P34 (the 8-bit LS value).
Caution :
Set P35 to 0 before executing the IDLE instruction to avoid the unreliable setting of the
warming-up timer value.
5.6 A/D Converter
The key features of the A/D converter are as follows.
Analog input
: 1 channel (A0)
Analog input range
: VCC to VSS
Conversion
: Successive approximation conversion
Resolution
: 4 bit
Conversion time
:40 machine cycle
Figure 5-8. A/D Converter Function Diagram
5.6.1 Reference Values of A/D Conversion
The reference values of ADDATA are listed below. VSS and VCC are assumed to be 0 and
+5V, respectively.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.
Pin A0
Analog
Comparator
4-bit D/A
Converter
4-bit
Data Register
VSS
VCC
A/D START (P16.Bit7)
Enable Analog Input
(P16.Bit0)
0
1
General Input A0
ADDATA (P17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com