Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 19 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 19 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 15Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 16Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 19Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 21Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 22Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 23Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
19
8Bit Single Chip Microcontroller
DMC73C167
The C, N and Z bits are used mostly for arithmetic operations, bit rotating, and conditional
branching. The carry (C) bit is used as the carry-in and the carry-out for most of the rotate
and arithmetic instructions. The sign(N) bit contains the most significant bit of the
desitination operand contents after instruction execution. The zero(Z) bit contains a 1 when
all bits of the destination operand are equal to zero after instruction execution.
The C, N, and Z status bits also have jump-on-condition instructions associated with them.
The global interrupt enable(I) bit must be set to 1 by the EINT instruction in order for any of
the individual interrupts (INTn) to be recognized by the CPU. The interrupt enable(I) bit can
be cleared by the DINT instruction or by execuiting a device RESET (see Section 4.8).
4.6 Program Counter (PC)
The DMC73C167's 16-bit program counter (PC) consists of two 8-bit registers in the
CPU which contain the MSB and the LSB, respectively, of a 16-bit address , the program
counter high (PCH) and program counter low (PCL). The PC acts as the 16-bit address
pointer of the opcodes and operands in the memory of the currently executing instruction.
Upon assertion of the RESET function, the MSB and the LSB of the PC are loaded into the
A and B registers of the register file (see Section 4.8).
4.7 Peripheral File Map
The peripheral file(PF) resides in location 0100h through 01FFh of the DMC73C167's
address space, as shown in Tables 4-2.
Note : The right-end column, headed "Value After Reset", indicates a reset initial value as
shown in Table 4-1.
Table 4-1. Description of "Value After Reset"
MSB
LSB
7
6
5
4
3
2
1
0
-
-
X
X
O
O
1
1
Becomes value "1" after RESET
Becomes value "0" after RESET
Unkown value after RESET
Not Used
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com