Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 18 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 18 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 14Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 15Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 16Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 19Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 21Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 22Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
18
8Bit Single Chip Microcontroller
DMC73C167
4.4 Stack Pointer (SP)
The stack pointer(SP) is an 8-bit register in the CPU which is typically used to hold a pointer
in RAM (the register file). However, the SP can also be used as temporary data storage if a
stack is not implemented, or if the SP contents are not needed.
When a stack is implemented, the SP points to the last or top entry on the stack. The SP
is automatically incremented just before data is pushed onto the stack and automatically
decremented immediately after data is popped from the stack. Upon assertion of the
RESET function (see Section 4.8) 01h is loaded into the SP. The size of the stack can be
changed from the 255-level stack at RESET to a smaller stack by execuiting a stack
initialization program as illustrated in Figure 4-3. This feature allows the stack to be located
anywhere in the register file. The SP is initialized through the B register (R1).
Figure 4-3. Example of Stack Initialization in the Register File
4.5 Status Register (ST)
The status register(ST) is an 8-bit register in the CPU that contains three conditional status
bits : carry(C), sign(N), and zero(Z). It also contains a global interrupt enable bit(I) as shown
in Figure 4-4 below.
Figure 4-4. Status Register (ST)
Bit
7
6
5
4
3
2
1
0
Con
C
N
Z
I
Future use
C = carry out, N=sign, Z = zero, I = Interrupt enable
0001h
0002h
0003h
0004h
0005h
0006h
01h
ST
PCH
PCL
04h
PCH
PCL
06h
RF
SP
RF
SP
RF
SP
Interrupt
Call
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com