Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 7 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 7 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 3Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 9Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 10Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 11Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
7
8Bit Single Chip Microcontroller
DMC73C167
2.2 Pin Description (Continued)
Pin
Pin Number
Symbol
Primary
SE
RED
33
43
O
OSD red color output
CMOS output
GREEN
34
44
O
OSD green color output
CMOS output
BLUE
35
45
O
OSD blue color output
CMOS output
Yout
36
46
O
OSD blanking signal
Active high or low(mask option)
/HYSNC
37
47
I
H SYNC input
OSD H position reference
/VSYNC
38
48
I
V SYNC input
OSD V position reference
OSCI_OSD
39
49
I
Clock input for OSD
OSCO_OSD
40
50
O
Clock output for OSD
A2(ECI2)
41
51
I/O
I/O, Timer 2 clock input
Internal pull-up(+5V) resistor
(mask option). Event counter
or normal I/O
TEST
42
52
I
Should be fixed to 0
For device test
OSCI_CPU
43
53
I
Clock input for CPU
OSCO_CPU
44
54
O
Clock output for CPU
/RESET
45
55
I
For CPU reset
A1(ECI1)
46
56
I/O
I/O, Timer 1 clock input
Event counter or normal I/O
A3(INT1)
47
57
I/O
External interrupt 1
With Schmitt trigger
A4(INT3_0)
48
58
I/O
External interrupt 3_0
With Schmitt trigger
A5(INT5_0)
49
59
I/O
External interrupt 5_0
With Schmitt trigger
A6
50
60
I/O
Digital I/O
A0 to A6 can be optionally pulled
up(+5V) during masking process
SDA
51
61
I/O
Data pin for I2C
Open drain(+5V) with
SCL
52
62
I/O
Clock pin for I2C
Schmitt input
A7
53
63
I/O
Digital I/O
Internal pull-up(+5V) resistor
(mask option)
VCC
54
64
I
4.5V-5.5V
Function
Description
I/O
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com