Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 44 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 44 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 40Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 41Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 42Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 43Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 44Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 45Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 46Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 47Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 48Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
44
8Bit Single Chip Microcontroller
DMC73C167
5.5.2.4 Timer 2 and Timer 3 Interrupt Period
The Period of the timer interrupts INT2_1 and INT3_1 can be calculated as follows.
tINT = tCLK x (PL + 1) x (TL +1)
where :
tINT = period of timer interrupt
tCLK = 4/Fosc. for the internal real-time clock mode or the period of the input
clock source at the external EC mode
PL = Prescaler latch value (0h-3h : 2bit)
TL = Decrementer reload value (00h-FFh : 8bit)
- In case of not cascade (INT2_1 and INT3_1)
Example :
min : 1us
(CPUCLK : 4MHz)
max : 1.024ms
- In case of Timer 2 and Timer 3 cascade (INT3_1)
Example :
min : 1us
(CPUCLK : 4MHz)
max : 1.048sec.
5.5.2.5 Capture Latch
The current value of the decrementer is stored in the capture latch register at the active edge
of port A4 (INT3_0) for Timer 2 and port A5 (INT5_0) for Timer 3. The active edge is determined
by the INT3_0 EDGE and INT5_0 EDGE bits of the IOCTL2 register (P2). The capture latch
register is disabled during the IDLE instruction.
5.5.2.6 Timer Output Function
A timer output function exists on Timer 3 that allows the B1 output to be toggled every time
the timer decrements through zero. This function is enabled by the T3OUT bit of the T2CTL
register (P25.6). When operating in the timer output mode, the B1 output cannot be changed
by writing to the B port data register. Writing to the timer's START bit will reload and start the
timer but will not toggle the output. The output will toggle only when the timer decrements
through zero. The timer output feature is independent of INT3_1 and therefore will operate
whether INT3_1 enabled or not.
Whenever the T3OUT bit is returned to 0, B1 will become the normal output port. The value
in the B1 data register will be the last value output by the timer output function, and the CPU
can control the B1 data.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com