Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 82 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 82 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 78Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 79Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 80Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 81Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 82Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 83Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 84Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 85Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 86Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
82
8Bit Single Chip Microcontroller
DMC73C167
5.11 Low-Power Mode
The DMC73C167 supports the Halt mode as the Low-power mode.
This mode is entered when the IDLE instruction is executed.
Activating RESET or acknowledging an enabled interrupt releases the device from this mode.
This low-power mode freezes the I/O ports, retaining their conditions before the IDLE instruction
was executed.
Complete RAM data retention is also maintained through this low-power mode as power is applied.
Table 5-11 describes the low-power mode.
Table 5-59. Low-Power Mode
In this low-power mode, the A/D converter is stopped and the oscillator is halted.
Note : If you want to enter into Halt Mode, you must stop Timer1, Timer2 and Timer3 before executing
IDLE instruction.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.
MODE
HALT
OSC
HALTED
TIMER1
HALTED
TIMER3
HALTED
EXIT MODE VIA
RESET, INT1, INT3_0, INT5_0
TIMER2
HALTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com