Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 8 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 8 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 9Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 10Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 11Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 12Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
8
8Bit Single Chip Microcontroller
DMC73C167
3. ELECTRICAL SPECIFICATIONS
3.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage range*
VCC
-0.3 through 7.0
V
Input voltage range
VI
-0.3 through VCC +0.3
V
Output
Port B0-B3, PWM1_n
-0.3 through 15.0
V
voltage range
Except B0-B3, PWM1_n
-0.3 through VCC +0.3
Input current
II
±10
mA
Output
Port B4-B7
IO
Max 20
mA
current
Except B4-B7
Max 10
Total low-level output current
IOL
Max 120
mA
Power dissipation
PD
0.5
W
Storage temperature range
TSTG
-55 through +125
¡É
*Unless otherwise noted, all voltages are with respect to VSS.
Test pin must connect to VSS.
Pull-up resistor option is not counted in the electrical specifications.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions beyond those indicated in Section " Recommended
Operating Conditions" of this specification is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com