Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 20 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 20 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 16Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 19Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 21Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 22Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 23Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 24Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
20
8Bit Single Chip Microcontroller
DMC73C167
Table 4-2. Peripheral File Map
Value after Reset
MSB
LSB
Number
Address
Label
R/W
Contents
5
P0
0100h
IOCTL0
R/W
Interrupt control
0
P1
0101h
IOCTL1
R/W
Interrupt control 1
- - - -
P2
0102h
IOCTL2
R/W
Interrupt control 2
- - - - -
P3
0103h
IOCTL3
R/W
Interrupt control 3
0
P4
0104h
IOCTL4
R/W
Interrupt control 4
- - 0
P5
0105h
-
-
Reserved
P6
0106h
ADATA
R
A Port data
X X X X X X X X
P7
0107h
ADIR
R/W
A Port direction register
0
P8
0108h
BDATA
R/W
B Port data
1
P9
0109h
-
-
Reserved
P10
010Ah
CDATA
R/W
C Port data
X X X X X X X X
P11
010Bh
CDIR
R/W
C Port direction
0
P12
010Ch
DDATA
R/W
D Port data
- - - - X X X X
P13
010Dh
DDIR
R/W
D Port direction
- - - -
P14
010Eh
-
-
Reserved
P15
010Fh
-
-
Reserved
P16
0110h
ADCTL
R/W
A/D control
- 0
P17
0111h
ADDATA
R
A/D data
- - - -
P18
0112h
-
-
Reserved
P19
0113h
-
-
Reserved
P20
0114h
T1MSD
R/W
Timer 1 MS data
X X X X X X X X
P21
0115h
T1LSD
R/W
Timer 1 LS data
X X X X X X X X
P22
0116h
T1CTL0
R/W
Timer 1 control
X X X X X X
P23
0116h
T1CTL1
R
Timer 1 control 1
X X X X X X X
P24
0117h
T2DATA
R/W
Timer 2 data
X X X X X X X X
P25
0119h
T2CTL
R/W
Timer 2 control
X X X X X X
P26
011Ah
T3DATA
R/W
Timer 3 data
X X X X X X X X
P27
011Bh
T3CTL
R/W
Timer 3 control
- - - - X X
P28
011Ch
-
-
Reserved
P29
011Dh
-
-
Reserved
P30
011Eh
-
-
Reserved
P31
011Fh
-
-
Reserved
P32
0120h
PWM0CTL
R/W
14-bit PWM control
- -
- - -
P33
0121h
WAKEMS
R/W
Wake up MS counter
- - 0
P34
0122h
WAKELS
R/W
Wake up LS counter
0
P35
0123h
PWM0AT
W
14-bit PWM add time
- - 0
P36
0124h
PWM0BT
W
14-bit PWM base time
0
P37
0125h
PWM1CTL
R/W
6-bit PWM control
- - - - - - -
P38
0126h
PWM1_0T
W
PWM1_0 polarity and time
-
0
P39
0127h
PWM1_1T
W
PWM1_1 polarity and time
-
0
P40
0128h
PWM1_2T
W
PWM1_2 polarity and time
-
0
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com