Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 33 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 33 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 29Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 30Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 31Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 32Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 33Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 34Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 35Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 36Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 37Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
33
8Bit Single Chip Microcontroller
DMC73C167
Bit 5
INT3_0F. External Interrupt INT3_0 Flag.
This flag sets the INT3F bit of IOCTL0 register and requests to jump to the
INT3 interrupt service routine.
0 = INT3_0 interrupt is not requested.
1 = INT3_0 interrupt is pending
INT3_0C. Clear INT3_0 Interrupt Flag.
0 = No effect.
1 = Clear INT3_0 interrupt flag
Bit 6
INT3_1F Timer 3 (INT3-1) Interrupt Enable.
0 = Disables Timer 3 (INT3_1) interrupt
1 = Enable Timer 3 (INT3_1) interrupt
Bit 7
INT3_1F. External Interrupt INT3_1 Flag.
This flag sets the INT3F bit of IOCTL0 register and requests to jump to the
INT3 interrupt service routine.
0 = Timer 3 (INT3_1) interrupt is not requested.
1 = Timer 3 (INT3_1) interrupt is pending
INT3_1C. Clear Timer 3 (INT3_1) Interrupt Flag.
0 = No effect.
1 = Clear Timer 3 (INT3_1) interrupt flag
Table 5-16. P4 0104h Interrupt Control 4
Bit
7
6
5
4
3
2
1
0
R
Not used
INT5_2F
INT5_2E
INT5_1F
INT5_1E
INT5_0F
INT5_0E
W
-
-
INT5_0C
I2C SLAVE
I2C MASTER
EXTERNAL INT
Bit 0
INT5_0E. External Interrupt 5_0 Enable
0 = Disables INT5_0 interrupt
1 = Enable INT5_0 interrupt
Bit 1
INT5_0F. External Interrupt 5_0 Flag
This flag sets the INT5F bit of IOCTL1 register and requests to jump to the
INT5 interrupt service routine.
0 = INT5_0 interrupt is not requested.
1 = INT5_0 interrupt is pending
INT5_0C. Clear Interrupt 5_0 Flag
0 = No effect.
1 = Clear INT5_0 interrupt flag
Bit 2
INT5_1E. I2C MASTER Interrupt 5_1 Flag
0 = Disables I2C MASTER INT5_1 interrupt
1 = Enable I2C MASTER INT5_1 interrupt
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com