Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 17 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 17 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 13Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 14Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 15Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 16Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 19Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 21Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
17
8Bit Single Chip Microcontroller
DMC73C167
4.3 Peripheral File (PF)
The peripheral file (PF) resides in location 0100h to 01FFh of the DMC73C167's
address space. Some of the instructions are optimized for efficient access to and from
the registers that reside in the peripheral file. Peripheral file locations are number P0-P255.
The PF registers are used for interrupt control, parallel I/O, timer control, 14-bit
PWM, OSD, 6-bit PWM, I2C and A/D converter control. On screen Display RAM (video
RAM) is also mapped in the peripheral file.
Figure 4-2. DMC73C167 Peripheral File Map
Memory address
100h
P0
:
Peripheral Registers
P75
14Bh
14Ch
P76
:
Reserved
P95
15Fh
160h
P96
:
Line A Video RAM
P115
173h
174h
P116
:
Reserved
P127
17Fh
180h
P128
:
Line B Video RAM
P147
193h
194h
P148
Not Available
:
P255
1FFh
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com